Electronic Components Datasheet Search
  English  ▼

X  

MMA8452Q Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MMA8452Q
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8452Q Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MMA8452Q Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8452Q Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8452Q Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8452Q Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8452Q Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8452Q Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8452Q Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8452Q Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8452Q Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
MMA8452Q
Sensors
Freescale Semiconductor, Inc.
17
Multiple Byte Write
The MMA8452Q automatically increments the received register address commands after a write command is received.
Therefore, after following the steps of a single byte write, multiple bytes of data can be written to sequential registers after each
MMA8452Q acknowledgment (ACK) is received.
Figure 11. I2C Timing Diagram
Table 10. I2C Device Address Sequence
Command
[7:2]
Device Address
[1]
SA0
[7:1]
Device Address
R/W
[7:0]
8-bit Final Value
Read
001110
0
0x1C
1
0x39
Write
001110
0
0x1C
0
0x38
Read
001110
1
0x1D
1
0x3B
Write
001110
1
0x1D
0
0x3A
< Single Byte Read >
Master
ST
Device Address[6:0]
W
Register Address[7:0]
SR
Device Address[6:0]
R
NAK SP
Slave
AK
AK
AK
Data[7:0]
< Multiple Byte Read >
Master
ST
Device Address[6:0]
W
Register Address[7:0]
SR Device Address[6:0]
R
AK
Slave
AK
AK
AK
Data[7:0]
Master
AK
AK
NAK
SP
Slave
Data[7:0]
Data[7:0]
Data[7:0]
< Single Byte Write >
Master
ST
Device Address[6:0]
W
Register Address[7:0]
Data[7:0]
SP
Slave
AK
AK
AK
< Multiple Byte Write >
Master
ST
Device Address[6:0]
W
Register Address[7:0]
Data[7:0]
Data[7:0]
SP
Slave
AK
AK
AK
AK
Legend
ST: Start Condition
SP: Stop Condition
NAK: No Acknowledge
W: Write = 0
SR: Repeated Start Condition
AK: Acknowledge
R: Read = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com