Electronic Components Datasheet Search
  English  ▼

X  

MMA8452QT Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MMA8452QT
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8452QT Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MMA8452QT Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8452QT Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8452QT Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8452QT Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8452QT Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8452QT Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8452QT Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8452QT Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8452QT Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
MMA8452Q
Sensors
Freescale Semiconductor, Inc.
21
0x0C: INT_SOURCE System Interrupt Status Register
In the interrupt source register the status of the various embedded features can be determined. The bits that are set (logic ‘1’)
indicate which function has asserted an interrupt and conversely the bits that are cleared (logic ‘0’) indicate which function has
not asserted or has deasserted an interrupt. The bits are set by a low to high transition and are cleared by reading the
appropriate interrupt source register. The SRC_DRDY bit is cleared by reading the X, Y and Z data. It is not cleared by simply
reading the Status Register (0x00).
Table 13. SYSMOD Description
SYSMOD[1:0]
System Mode. Default value: 00.
00: STANDBY mode
01: WAKE mode
10: SLEEP mode
0x0C: INT_SOURCE: System Interrupt Status Register (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SRC_ASLP
0
SRC_TRANS
SRC_LNDPRT
SRC_PULSE
SRC_FF_MT
0
SRC_DRDY
Table 14. INT_SOURCE Description
INT_SOURCE
Description
SRC_ASLP
Auto-SLEEP/WAKE interrupt status bit. Default value: 0.
Logic ‘1’ indicates that an interrupt event that can cause a WAKE to SLEEP or SLEEP to WAKE system mode transition
has occurred.
Logic ‘0’ indicates that no WAKE to SLEEP or SLEEP to WAKE system mode transition interrupt event has occurred.
WAKE to SLEEP transition occurs when no interrupt occurs for a time period that exceeds the user specified limit
(ASLP_COUNT). This causes the system to transition to a user specified low ODR setting.
SLEEP to WAKE transition occurs when the user specified interrupt event has woken the system; thus causing the
system to transition to a user specified high ODR setting.
Reading the SYSMOD register clears the SRC_ASLP bit.
SRC_TRANS
Transient interrupt status bit. Default value: 0.
Logic ‘1’ indicates that an acceleration transient value greater than user specified threshold has occurred. Logic ‘0’
indicates that no transient event has occurred.
This bit is asserted whenever “EA” bit in the TRANS_SRC is asserted and the interrupt has been enabled. This bit is
cleared by reading the TRANS_SRC register.
SRC_LNDPRT
Landscape/Portrait Orientation interrupt status bit. Default value: 0.
Logic ‘1’ indicates that an interrupt was generated due to a change in the device orientation status. Logic ‘0’ indicates
that no change in orientation status was detected.
This bit is asserted whenever “NEWLP” bit in the PL_STATUS is asserted and the interrupt has been enabled.
This bit is cleared by reading the PL_STATUS register.
SRC_PULSE
Pulse interrupt status bit. Default value: 0.
Logic ‘1’ indicates that an interrupt was generated due to single and/or double pulse event. Logic ‘0’ indicates that no
pulse event was detected.
This bit is asserted whenever “EA” bit in the PULSE_SRC is asserted and the interrupt has been enabled.
This bit is cleared by reading the PULSE_SRC register.
SRC_FF_MT
Freefall/Motion interrupt status bit. Default value: 0.
Logic ‘1’ indicates that the Freefall/Motion function interrupt is active. Logic ‘0’ indicates that no Freefall or Motion event
was detected.
This bit is asserted whenever “EA” bit in the FF_MT_SRC register is asserted and the FF_MT interrupt has been
enabled.
This bit is cleared by reading the FF_MT_SRC register.
SRC_DRDY
Data Ready Interrupt bit status. Default value: 0.
Logic ‘1’ indicates that the X, Y, Z data ready interrupt is active indicating the presence of new data and/or data overrun.
Otherwise if it is a logic ‘0’ the X, Y, Z interrupt is not active.
This bit is asserted when the ZYXOW and/or ZYXDR is set and the interrupt has been enabled.
This bit is cleared by reading the X, Y, and Z data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com