Electronic Components Datasheet Search
  English  ▼

X  

DS26C32AM Datasheet(PDF) 3 Page - Texas Instruments

Part # DS26C32AM
Description  DS26C32AT/DS26C32AM Quad Differential Line Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS26C32AM Datasheet(HTML) 3 Page - Texas Instruments

  DS26C32AM Datasheet HTML 1Page - Texas Instruments DS26C32AM Datasheet HTML 2Page - Texas Instruments DS26C32AM Datasheet HTML 3Page - Texas Instruments DS26C32AM Datasheet HTML 4Page - Texas Instruments DS26C32AM Datasheet HTML 5Page - Texas Instruments DS26C32AM Datasheet HTML 6Page - Texas Instruments DS26C32AM Datasheet HTML 7Page - Texas Instruments DS26C32AM Datasheet HTML 8Page - Texas Instruments DS26C32AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings (Notes 2,
1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)7V
Common Mode Range (V
CM)
±14V
Differential Input Voltage (V
DIFF)
±14V
Enable Input Voltage (V
IN)7V
Storage Temperature Range (T
STG)
−65˚C to +150˚C
Lead Temperature (Soldering 4 sec.)
260˚C
Maximum Power Dissipation at 25˚C (Note 5)
Ceramic “J” Pkg.
2308 mW
Plastic “N” Pkg.
1645 mW
SOIC “M” Pkg.
1190 mW
Ceramic “E” Pkg.
2108 mW
Ceramic “W” Pkg.
1215 mW
Maximum Current Per Output
±25 mA
This device does not meet 2000V ESD rating. (Note 4)
Operating Conditions
Min
Max
Units
Supply Voltage (V
CC)
4.50
5.50
V
Operating Temperature Range (T
A)
DS26C32AT
−40
+85
˚C
DS26C32AM
−55
+125
˚C
Enable Input Rise or Fall Times
500
ns
DC Electrical Characteristics
V
CC =5V ±10% (unless otherwise specified) (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
TH
Minimum Differential
V
OUT =VOH or VOL
−200
35
+200
mV
Input Voltage
−7V < V
CM < +7V
R
IN
Input Resistance
V
IN = −7V, +7V
DS26C32AT
5.0
6.8
10
k
Ω
(Other Input = GND)
DS26C32AM
4.5
6.8
11
k
Ω
I
IN
Input Current
V
IN = +10V,
DS26C32AT
+1.1
+1.5
mA
Other Input = GND
DS26C32AM
+1.1
+1.8
mA
V
IN = −10V,
DS26C32AT
−2.0
−2.5
mA
Other Input = GND
DS26C32AM
−2.0
−2.7
mA
V
OH
Minimum High Level
V
CC = Min, VDIFF = +1V
3.8
4.2
V
Output Voltage
I
OUT = −6.0 mA
V
OL
Maximum Low Level
V
CC = Max, VDIFF = −1V
0.2
0.3
V
Output Voltage
I
OUT = 6.0 mA
V
IH
Minimum Enable High
2.0
V
Input Level Voltage
V
IL
Maximum Enable Low
0.8
V
Input Level Voltage
I
OZ
Maximum TRI-STATE®
V
OUT =VCC or GND,
Output Leakage Current
ENABLE = V
IL,
±0.5
±5.0
µA
ENABLE = V
IH
I
I
Maximum Enable Input
V
IN =VCC or GND
±1.0
µA
Current
I
CC
Quiescent Power
V
CC = Max,
DS26C32AT
16
23
mA
Supply Current
V
DIF = +1V
DS26C32AM
16
25
mA
V
HYST
Input Hysteresis
V
CM =0V
60
mV
AC Electrical Characteristics
V
CC =5V ±10% (Note 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DS26C32AT
DS26C32AM
t
PLH,
Propagation Delay
C
L =50pF
t
PHL
Input to Output
V
DIFF = 2.5V
10
19
30
35
ns
V
CM =0V
www.national.com
2
Obsolete Device: DS26C32AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com