Electronic Components Datasheet Search
  English  ▼

X  

DS38C86AVB Datasheet(PDF) 5 Page - Texas Instruments

Part # DS38C86AVB
Description  DS38C86A CMOS BTL 9-Bit Latching Data Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS38C86AVB Datasheet(HTML) 5 Page - Texas Instruments

  DS38C86AVB Datasheet HTML 1Page - Texas Instruments DS38C86AVB Datasheet HTML 2Page - Texas Instruments DS38C86AVB Datasheet HTML 3Page - Texas Instruments DS38C86AVB Datasheet HTML 4Page - Texas Instruments DS38C86AVB Datasheet HTML 5Page - Texas Instruments DS38C86AVB Datasheet HTML 6Page - Texas Instruments DS38C86AVB Datasheet HTML 7Page - Texas Instruments DS38C86AVB Datasheet HTML 8Page - Texas Instruments DS38C86AVB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DC Electrical Characteristics (Notes 2, 3) (Continued)
T
A = 0˚C to +70˚C unless otherwise noted, VCC =5V ± 10%
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RECEIVER OUTPUT (An)
I
OS
Output Short Circuit Current
Bn = 1.1V, T/R = CD = 0V
(Note 4)
−40
−120
µA
SUPPLY CURRENT
I
CC_DIS
Standby Current (No Load)
T/R = All An = V
CC,CD=VCC,
ACLK=LE=RBYP=V
CC
15
22
mA
I
CCT
Sum of QV
CC,VCC, LI
All Bn = 2.1, T/R = CD = LE =
0.5V, ACLK = RBYP = 3.4
24
31
mA
I
LI
Live Insertion Current
T/R = An = CD = RBYP =
ACLK = 0.0V
13
mA
T/R = All An = RBYP = V
CC,
CD=ACLK=0V
13
mA
AC Electrical Characteristics (Note 6)
T
A = 0˚C to +70˚C, VCC =5V ± 10%
DRIVER (REN = 0V for all conditions)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER TIMING REQUIREMENTS
t
PHL
An to Bn, Prop Delay
CD = 0V, T/R = RBYP = 3V
2.0
4.3
6.0
ns
t
PLH
Fall-Thru Mode
(
Figures 1, 2)
2.0
3.8
6.0
ns
t
PHL
ACLK to Bn, Prop. Delay
CD = RBYP = 0V, T/R = 3V
2.0
4.5
6.0
ns
t
PLH
Transparent Latch Mode
(
Figures 1, 4)
2.0
4.0
6.0
ns
t
PHL
CD to Bn
Enable Time
CD = RBYP = 0V, T/R = 3V
3
5.3
7.5
ns
t
PLH
Disable Time
(
Figures 1, 3)
2.5
4.3
7.5
ns
t
PHL
T/R to Bn
Enable Time
CD = 0V, RBYP = 3V
9.0
16.0
22.0
ns
t
PLH
Disable Time
(
Figures 10, 11)
2.0
6.6
8.0
ns
t
r
Transition Time-Rise/Fall for Bn
(20% to 80%)
CD = RBYP = 0V, T/R = 3V
0.8
1.4
3.0
ns
t
f
(
Figures 1, 3)(Note 10)
1.0
1.7
3.0
ns
SR
Slew Rate is Calculated from 1.3V to 1.8V
for Bn
CD = RBYP = 0V, T/R = 3V
0.5
0.9
V/ns
(
Figures 1, 2)(Note 10)
t
SKEW
ACLK to Bn, Same
Package
Output to
Output
(Note 7)
0.9
2.5
ns
An to Bn, Same Package
Output to
Output
(Note 7)
0.9
2.0
ns
DRIVER TIMING REQUIREMENTS (
Figure 4)
t
S
An to ACLK (Set-Up Time)
CD = RBYP = 0V, T/R = 3V
3.0
ns
t
H
ACLK to An (Hold Time)
1.0
ns
t
PW
ACLK Pulse Width
3.0
ns
RECEIVER
t
PHL
Bn to An, Prop Delay
CD = T/R = 0V, LE = 3V
3.0
4.8
7.0
ns
t
PLH
Bypass Mode
(
Figures 5, 6)
3.0
5.0
7.0
ns
t
PHL
LE to An, Prop Delay
CD = T/R = 0V
4.0
5.7
7.5
ns
t
PLH
Latch Mode
(
Figures 5, 7)
4.0
5.7
7.5
ns
t
PLZ
CD to An
Disable Time
LE = V
CC, Bn = 2.1V, T/R = 0V
3.0
6.3
10.0
ns
t
PZL
Enable Time
(
Figures 8, 9)
2.5
3.5
10.0
ns
t
PHZ
Disable Time
LE = V
CC, Bn = 1.1V, T/R = 0V
4.0
7.3
10.0
ns
t
PZH
Enable Time
(
Figures 8, 9)
3.5
5.5
8.5
ns
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com