Electronic Components Datasheet Search
  English  ▼

X  

DS92UT16 Datasheet(PDF) 2 Page - Texas Instruments

Part # DS92UT16
Description  DS92UT16TUF UTOPIA-LVDS Bridge for 1.6 Gbps Bi-directional Data Transfers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92UT16 Datasheet(HTML) 2 Page - Texas Instruments

  DS92UT16 Datasheet HTML 1Page - Texas Instruments DS92UT16 Datasheet HTML 2Page - Texas Instruments DS92UT16 Datasheet HTML 3Page - Texas Instruments DS92UT16 Datasheet HTML 4Page - Texas Instruments DS92UT16 Datasheet HTML 5Page - Texas Instruments DS92UT16 Datasheet HTML 6Page - Texas Instruments DS92UT16 Datasheet HTML 7Page - Texas Instruments DS92UT16 Datasheet HTML 8Page - Texas Instruments DS92UT16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
OBSOLETE
DS92UT16
SNOS992E – JANUARY 2002 – REVISED APRIL 2013
www.ti.com
The serial interface uses LVDS Serializer and
DESCRIPTION
Deserializer technology. The 16:1 bit serialization
The DS92UT16 is a flexible UTOPIA to LVDS Bridge
allows conveying the full-duplex parallel bus over two
device. The LVDS Bridge transparently transports the
differential transmission pairs. This enables low cost
UTOPIA bus over a high speed LVDS serial link. The
backplanes and cables. Cable transmission length
device includes many reliability features such as an
can be as long 16 meters.
optional 1:1 protection and built in bit error rate
checking.
The serial link carries Flow control information (back
pressure) in both directions. The Bridge device
The parallel interface is user programmable for
applies back pressure on a per queue basis over the
maximum flexibility. The user can choose between
31 internal FIFO queues. In addition, the serial link
UTOPIA Level Level 2 ATM layer (master) of PHY
includes an OAM (Operations and Maintenance)
layer (slave). The UTOPIA-LVDS Bridge supports a
channel that does not detract from link performance.
special MPHY (multi-PHY layer) operation mode. The
MPHY
operation
supports
up
to
248
standard
There are many applications where the UTOPIA-
UTOPIA Level 2 PHY ports without adding external
LVDS
Bridge
simplifies
designs.
Box-to-box
circuitry.
connections can use DS29UT16 devices across
cables. Access multiplexor applications can use the
devices across a PCB backplane for point-to-point
and lightly loaded multidrop configurations.
Block Diagram
Figure 1. DS92UT16 Block Diagram
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: DS92UT16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com