Electronic Components Datasheet Search
  English  ▼

X  

FPD87352 Datasheet(PDF) 1 Page - Texas Instruments

Part # FPD87352
Description  FPD87352CXA 3.3V TFT-LCD Timing Controller with Single LVDS Input/Dual RSDS Outputs Including RTC (Response Time Compensation) for TFT-LCD Monitors and TV (XGA/WXGA/HDTV I,II,-)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FPD87352 Datasheet(HTML) 1 Page - Texas Instruments

  FPD87352 Datasheet HTML 1Page - Texas Instruments FPD87352 Datasheet HTML 2Page - Texas Instruments FPD87352 Datasheet HTML 3Page - Texas Instruments FPD87352 Datasheet HTML 4Page - Texas Instruments FPD87352 Datasheet HTML 5Page - Texas Instruments FPD87352 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
OBSOLETE
FPD87352
www.ti.com
SNOSAG3C – JULY 2004 – REVISED APRIL 2013
FPD87352CXA +3.3V TFT-LCD Timing Controller with Single LVDS
Input/Dual RSDS™ Outputs Including RTC (Response
Time Compensation) for TFT-LCD Monitors and TV
(XGA/WXGA/HDTV I,II,-)
Check for Samples: FPD87352
1
FEATURES
DESCRIPTION
The FPD87352CXA is an integrated FPD-Link™ +
23
•
Input Frequency Range from 30 MHz to 95 MHz
RSDS + TFT-LCD Timing Controller. The logic
•
Support Display Resolutions XGA (1024x768),
architecture is implemented using standard and
WXGA (1280x768), HDTV I (1280x768), HDTV II
default timing controller functionality based on an
(1366x768) and HDTV - (1280x800)
Embedded Gate Array. The device is reconfigurable
to the needs of a specific application by providing
•
Embedded Gate Array for Custom Panel
user-defined specifications or customer supplied
Timing
VHDL/Verilog code.
•
LVDS Single Pixel Input (8-Bit/6-Bit) Interface
(FPD-Link)
The FPD87352CXA is an ideal Timing Controller for
LCD TV Applications. It has a unique feature, RTC
•
RSDS Dual Bus Output (8-Bit/6-Bit)
that will improve the intra-gray level response time of
•
Drives RSDS Column Drivers up to 47.5 MHz
a LCD TV panel. Improving the intra-gray level
Clock
response time of the LCD panel will result in a
dramatically improved Motion Picture Image Quality
•
Flexible RSDS Data Output Mapping for
of video content that are displayed on the LCD panel.
Bottom or Top Mount
The RTC feature is accomplished through application
•
RTC (Response Time Compensation) Function
of a Boost or Overdrive Voltage that will force the LC
•
2 Wired Serial EEPROM Interface Support
material to respond more rapidly. This Boost or
(RTC LUT)
Overdrive is accomplished through combination of an
internal or external EEPROM LUT (Look Up Table),
•
Interface with External Frame Memory
which
contains
the
boost/overdrive
levels,
and
•
Virtual 8-Bit Color Depth in FRC/Dithering
external memory that acts as a Frame Buffer.
Mode
The
FPD87352CXA
is
a
timing
controller
that
•
Supports Graphics Controllers with Spread
combines an LVDS single pixel input interface with
Spectrum Interface for Lower EMI
National's
Reduced
Swing
Differential
Signaling
•
Supports External Spread Spectrum (SSCG)
(RSDS)
output
column
driver
interface
for
•
DE Only Mode
XGA/WXGA/HDTV I,II,- resolutions. It resides on the
Flat Panel Display and provides the data buffering
•
CMOS Circuitry Operates from 3.0V–3.6V;
and control signal generation. FPD-Link, a lower
0°C–70°C
dynamic
power,
low
EMI
(Electro
Magnetic
•
176 LQFP Package with Body Size 24 mm x 24
Interference) interface is used between this timing
mm x 1.4 mm, 0.5 mm Pitch
controller and the host system. A RSDS interface is
used between the timing controller and the column
drivers.
The dual 13/10 pair differential bus conveys up to 24-
bit color data for XGA, WXGA and HDTV panels.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
RSDS is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - FPD87352

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FPD87352 TI1-FPD87352 Datasheet
123Kb / 6P
TFT-LCD Timing Controller
logo
National Semiconductor ...
FPD87352CXA NSC-FPD87352CXA Datasheet
132Kb / 5P
3.3V TFT-LCD Timing Controller with Single LVDS Input/Dual RSDS Outputs Including RTC for TFT-LCD Monitors and TV
More results

Similar Description - FPD87352

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
FPD87392 NSC-FPD87392 Datasheet
1Mb / 30P
3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
FPD80200 NSC-FPD80200 Datasheet
169Kb / 2P
LCD TV TFT-LCD Timing Controller with PPDS??Interface
FPD87208 NSC-FPD87208 Datasheet
1Mb / 20P
2.5V Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS??Outputs
FPD87346 NSC-FPD87346 Datasheet
105Kb / 3P
Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling (RSDS?? Outputs
FPD87352CXA NSC-FPD87352CXA Datasheet
132Kb / 5P
3.3V TFT-LCD Timing Controller with Single LVDS Input/Dual RSDS Outputs Including RTC for TFT-LCD Monitors and TV
FPD48084 NSC-FPD48084 Datasheet
142Kb / 2P
LCD TV TFT-LCD Timing Controller with PPDS
FPD87370AXA NSC-FPD87370AXA Datasheet
461Kb / 2P
Low EMI Low Dynamic Power VGA/XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS Outputs
FPD87392AXA NSC-FPD87392AXA Datasheet
135Kb / 4P
3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
logo
Texas Instruments
FPD80200 TI1-FPD80200_13 Datasheet
48Kb / 4P
LCD TV TFT-LCD Timing Controller
FPD87208 TI1-FPD87208_13 Datasheet
395Kb / 17P
Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com