Electronic Components Datasheet Search
  English  ▼

X  

HD3SS212 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS212
Description  5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS212 Datasheet(HTML) 8 Page - Texas Instruments

Back Button HD3SS212 Datasheet HTML 4Page - Texas Instruments HD3SS212 Datasheet HTML 5Page - Texas Instruments HD3SS212 Datasheet HTML 6Page - Texas Instruments HD3SS212 Datasheet HTML 7Page - Texas Instruments HD3SS212 Datasheet HTML 8Page - Texas Instruments HD3SS212 Datasheet HTML 9Page - Texas Instruments HD3SS212 Datasheet HTML 10Page - Texas Instruments HD3SS212 Datasheet HTML 11Page - Texas Instruments HD3SS212 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Frequency - Hz
1E8
1E9
1E10 2E10
-30
-25
-20
-15
-10
-5
0
Frequency - Hz
1E8
1E9
1E10
2E8
-30
-25
-20
-15
-10
-5
0
Frequency - Hz
1E8
1E9
1E10 2E10
-80
-100
-60
-40
-20
0
HD3SS212
SLAS822 A – DECEMBER 2011 – REVISED MARCH 2012
www.ti.com
TYPICAL PERFORMANCE PLOTS
Figure 6. Insertion Loss and -3dB Bandwidth
Figure 7. Return Loss
Figure 8. OF Isolation
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): HD3SS212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com