Electronic Components Datasheet Search
  English  ▼

X  

SL74LV04D Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL74LV04D
Description  Hex Inverter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74LV04D Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL74LV04D Datasheet HTML 1Page - System Logic Semiconductor SL74LV04D Datasheet HTML 2Page - System Logic Semiconductor SL74LV04D Datasheet HTML 3Page - System Logic Semiconductor SL74LV04D Datasheet HTML 4Page - System Logic Semiconductor SL74LV04D Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SL74LV04
4
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS (C
L=50 pF, tLH = tHL = 6.0 ns , VIL=0V, VIH=VCC, RL=1 kÙ)
Guaranteed Limit
25
°C
-40
°C ÷ 85°C
-40
°C ÷ 125°C
Symbol
Parameter
VCC
V
min
max
min
max
min
max
Unit
tTHL, (tTLH)
Output Transition
Time, Any Output
(Figure 1)
1.2
2.0
*
-
-
70
16
10
-
-
-
85
20
13
-
-
-
100
24
15
ns
tPHL, (tPLH)
Propagation Delay,
Input A to Output Y
(Figure 1)
1.2
2.0
*
-
-
-
90
23
14
-
-
-
120
28
18
-
-
-
150
34
21
CI
Input Capacitance
3.0
-
-
-
3.5
-
3.5
pF
ÒÀ=25
°Ñ, V
I=0V÷VCC
CPD
Power Dissipation Capacitance (Per Inverter)
42
pF
Used to determine the no-load dynamic power consumption:
PD = CPDVCC
2f
I+
(CLVCC
2fo), f
I - input frequency, fo - output frequency (MHz)
(CLVCC
2fo) – sum of the outputs
Figure 1. Switching Waveforms
Figure 2. Test Circuit
0.1
0.1
0.1
0.1
0.9
0.9
0.9
0.9
V
1
t
PHL
t
HL
t
THL
t
PLH
t
LH
t
TLH
V
1
V = 0.5 V
1
C C
Input À
Output Y
GND
GND
V
CC
V
CC
V
1
V
1
PULSE
GENERATOR
DEVICE
UNDER
TEST
V
CC
V
I
V
O
C
L
R
L
R
T
Termination resistance RT – should
be equal to ZOUT of pulse
generators



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com