Electronic Components Datasheet Search
  English  ▼

X  

LF147QML Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LF147QML
Description  LF147QML Wide Bandwidth Quad JFET Input Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF147QML Datasheet(HTML) 13 Page - Texas Instruments

Back Button LF147QML Datasheet HTML 9Page - Texas Instruments LF147QML Datasheet HTML 10Page - Texas Instruments LF147QML Datasheet HTML 11Page - Texas Instruments LF147QML Datasheet HTML 12Page - Texas Instruments LF147QML Datasheet HTML 13Page - Texas Instruments LF147QML Datasheet HTML 14Page - Texas Instruments LF147QML Datasheet HTML 15Page - Texas Instruments LF147QML Datasheet HTML 16Page - Texas Instruments LF147QML Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Typical Applications
Digitally Selectable Precision Attenuator
20122610
All resistors 1% tolerance
•
Accuracy of better than 0.4% with standard 1% value resistors
No offset adjustment necessary
•
Expandable to any number of stages
•
Very high input impedance
A1
A2
A3
V
O
Attenuation
00
0
0
00
1
−1 dB
01
0
−2 dB
01
1
−3 dB
10
0
−4 dB
10
1
−5 dB
11
0
−6 dB
11
1
−7 dB
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com