Electronic Components Datasheet Search
  English  ▼

X  

PC10-270 Datasheet(PDF) 2 Page - Maxwell Technologies

Part # PC10-270
Description  PC SERIES ULTRACAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

PC10-270 Datasheet(HTML) 2 Page - Maxwell Technologies

  PC10-270 Datasheet HTML 1Page - Maxwell Technologies PC10-270 Datasheet HTML 2Page - Maxwell Technologies PC10-270 Datasheet HTML 3Page - Maxwell Technologies PC10-270 Datasheet HTML 4Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
Document number: 1003996.13
maxwell.com
DATASHEET
PC SERIES ULTRACAPACITORS
PRODUCT SPECIFICATIONS (Cont’d)
POWER & ENERGY
PC10, PC10-90, PC10-270
PC10HT, PC10HT-90, PC10HT-270
Usable Specific Power, P
d
5
660 W/kg
510 W/kg
Impedance Match Specific Power, P
max
6
1,400 W/kg
1,100 W/kg
Specific Energy, E
max
7
1.4 Wh/kg
1.1 Wh/kg
Stored Energy8
0.009 Wh
0.007 Wh
LIFE
High Temperature1
(at Rated Voltage & Maximum Operating Temperature)
3,000 hours
1,000 hours
Capacitance Change
(% decrease from minimum initial value)
20%
20%
ESR Change
(% increase from maximum initial value)
100%
100%
Room Temperature1
(at Rated Voltage & 25oC)
10 years
10 years
Capacitance Change
(% decrease from minimum initial value)
20%
20%
ESR Change
(% increase from maximum initial value)
100%
100%
Cycle Life1,9
500,000 cycles
500,000 cycles
Capacitance Change
(% decrease from minimum initial value)
20%
20%
ESR Change
(% increase from maximum initial value)
100%
100%
Test Current
1.0 A
1.0 A
Shelf Life1,10
(Stored uncharged up to a maximum storage temperature)
2 years
2 years
SAFETY
Short Circuit Current, typical
(Current possible with short circuit from rated voltage. Do not
use as an operating current.)
14 A
12 A
Certifications
UL810a, RoHS
UL810a, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com