Electronic Components Datasheet Search
  English  ▼

X  

S001621 Datasheet(PDF) 14 Page - Linear Technology

Part # S001621
Description  Isolated No Opto-Coupler Flyback Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

S001621 Datasheet(HTML) 14 Page - Linear Technology

Back Button S001621 Datasheet HTML 10Page - Linear Technology S001621 Datasheet HTML 11Page - Linear Technology S001621 Datasheet HTML 12Page - Linear Technology S001621 Datasheet HTML 13Page - Linear Technology S001621 Datasheet HTML 14Page - Linear Technology S001621 Datasheet HTML 15Page - Linear Technology S001621 Datasheet HTML 16Page - Linear Technology S001621 Datasheet HTML 17Page - Linear Technology S001621 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT3798
14
3798f
voltage and the MOSFET switching frequency to determine
the expected power dissipation:
PSNUBBER = fSW • CSNUBBER • VDRAIN2/2
Decreasing the value of the capacitor will reduce the dis-
sipated power in the snubber at the expense of increased
peak voltage on the MOSFET drain, while increasing the
value of the capacitance will decrease the overshoot.
Transformer Design Considerations
Transformer specification and design is a critical part of
successfully applying the LT3798. In addition to the usual
list of caveats dealing with high frequency isolated power
supply transformer design, the following information
should be carefully considered. Since the current on the
secondary side of the transformer is inferred by the current
sampled on the primary, the transformer turns ratio must
be tightly controlled to ensure a consistent output current.
A tolerance of ±5% in turns ratio from transformer to
transformer could result in a variation of more than ±5% in
output regulation. Fortunately, most magnetic component
manufacturers are capable of guaranteeing a turns ratio
tolerance of 1% or better. Linear Technology has worked
OPERATION
Table 1. Predesigned Transformers—Typical Specifications, Unless Otherwise Noted
TRANSFORMER
PART NUMBER
SIZE
(L × W × H)
LPRI
(μH)
NPSA
(NP:NS:NA)
RPRI
(mΩ)
RSEC
(mΩ)
MANUFACTURER
TARGET
APPLICATION
(VOUT/IOUT)
JA4429
21.1mm × 21.1mm × 17.3mm
400
1:0.24:0.24
252
126
Coilcraft
22V/1A
7508110210
15.75mm × 15mm × 18.5mm
2000
6.67:1:1.67
5100
165
Würth Elektronik
10V/0.4A
750813002
15.75mm × 15mm × 18.5mm
2000
20:1.0:5.0
6100
25
Würth Elektronik
3.8V/1.1A
750811330
43.2mm × 39.6mm × 30.5mm
300
6:1.0:1.0
150
25
Würth Elektronik
18V/5A
750813144
16.5mm × 18mm × 18mm
600
4:1:0.71
2400
420
Würth Elektronik
28V/0.5A
750813134
16.5mm × 18mm × 18mm
600
8:1:1.28
1850
105
Würth Elektronik
14V/1A
750811291
31mm × 31mm × 25mm
400
1:1:0.24
550
1230
Würth Elektronik
85V/0.4A
750813390
43.18mm × 39.6mm × 30.48mm
100
1:1:0.22
150
688
Würth Elektronik
90V/1A
750811290
31mm × 31mm × 25mm
460
1:1:0.17
600
560
Würth Elektronik
125V/0.32A
X-11181-002
23.5mm × 21.4mm × 9.5mm
500
72:16:10
1000
80
Premo
30V/0.5A
750811248
31mm × 31mm × 25mm
300
4:1.0:1.0
280
25
Würth Elektronik
24V/2A
S001621
25mm × 22.2mm × 16mm
820
16:1.0:4.0
1150
10
Renco
5V/4A
750312872
43.2mm × 39.6mm × 30.5mm
14
1:1:0.8
11
11
Würth Elektronik
28V/4A
with several leading magnetic component manufacturers
to produce predesigned flyback transformers for use with
the LT3798. Table 1 shows the details of several of these
transformers.
Loop Compensation
The voltage feedback loop is a traditional GM error ampli-
fier. The loop cross-over frequency is set much lower than
twice the line frequency for PFC to work properly.
The current output feedback loop is an integrator con-
figuration with the compensation capacitor between the
negative input and output of the operational amplifier.
This is a one-pole system therefore a zero is not needed
in the compensation. For offline applications with PFC,
the crossover should be set an order of magnitude lower
than the line frequency of 120Hz or 100Hz. In a typical
application, the compensation capacitor is 0.1μF.
In non-PFC applications, the crossover frequency may be
increased to improve transient performance. The desired
crossover frequency needs to be set an order of magnitude
below the switching frequency for optimal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com