Electronic Components Datasheet Search
  English  ▼

X  

LV32 Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # LV32
Description  Quad 2-Input OR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

LV32 Datasheet(HTML) 4 Page - System Logic Semiconductor

  LV32 Datasheet HTML 1Page - System Logic Semiconductor LV32 Datasheet HTML 2Page - System Logic Semiconductor LV32 Datasheet HTML 3Page - System Logic Semiconductor LV32 Datasheet HTML 4Page - System Logic Semiconductor LV32 Datasheet HTML 5Page - System Logic Semiconductor LV32 Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SL74LV32
4
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS (C
L=50 pF, tLH = tHL = 6.0 ns , VIL = 0V, VIH=VCC, RL=1k
)
VCC
Guaranteed Limit
V
25
°C
-40
°C ÷ 85°C
-40
°C ÷ 125°C
Symbol
Parameter
min
max
min
max
min
max
Unit
tTHL, (tTLH)
Output Transition
Time, Any Output
(Figure 1)
1.2
2.0
*
-
-
60
16
10
-
-
-
75
20
13
-
-
-
90
24
15
ns
tPHL, (tPLH)
Propagation Delay,
Input A to Output Y
(Figure 1)
1.2
2.0
*
-
-
-
125
20
12
-
-
-
360
25
15
-
-
-
360
30
18
CI
Input Capacitance
3.0
-
7.0
-
-
-
-
pF
ÒÀ=25
°Ñ, V
I=0V÷VCC
pF
CPD
Power Dissipation Capacitance (Per Gate)
44
* - VCC= (3.3±0.3) V
PD = CPDVCC
2f
I+
(CLVCC
2fo), f
I-input frequency, fo - output frequency (MHz)
(CLVCC
2fo) – sum of the outputs
Figure 1. Switching Waveforms
0.1
0.1
0.1
0.1
0.9
0.9
0.9
0.9
V
1
tPLH
t
HL
TTHL
tPH L
t
L H
tTLH
V
1
V = 0.5 V
1
CC
Input À, B
Output Y
GND
V
OH
V
OL
V
C C
V
1
V
1
PULSE
GENERATOR
DEVICE
UNDER
TEST
V
C C
V
I
V
O
C
L
R
L
R
T
Termination resistance RT -
should be equal to ZOUT pulse
generators



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com