Electronic Components Datasheet Search
  English  ▼

X  

LD49150PT08R Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD49150PT08R
Description  1.5 A very low drop for low output voltage regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD49150PT08R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD49150PT08R Datasheet HTML 3Page - STMicroelectronics LD49150PT08R Datasheet HTML 4Page - STMicroelectronics LD49150PT08R Datasheet HTML 5Page - STMicroelectronics LD49150PT08R Datasheet HTML 6Page - STMicroelectronics LD49150PT08R Datasheet HTML 7Page - STMicroelectronics LD49150PT08R Datasheet HTML 8Page - STMicroelectronics LD49150PT08R Datasheet HTML 9Page - STMicroelectronics LD49150PT08R Datasheet HTML 10Page - STMicroelectronics LD49150PT08R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LD49150XX08, LD49150XX10, LD49150XX12
Maximum ratings
Doc ID 13446 Rev 3
7/22
5
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 3.
Absolute maximum ratings (1)
1.
All the values are referred to ground.
Symbol
Parameter
Value
Unit
VIN
Supply voltage
-0.3 to 7
V
VOUT
Output voltage
-0.3 to VIN + 0.3
-0.3 to VBIAS + 0.3
V
VBIAS
BIAS supply voltage
-0.3 to 7
V
VEN
Enable input voltage
-0.3 to 7
V
PD
Power dissipation
Internally limited
TSTG
Storage temperature range
-50 to 150
°C
Table 4.
Operating ratings
Symbol
Parameter
Value
Unit
VIN
Supply voltage
1.4 to 5.5
V
VOUT
Output voltage
0.8 to 4.5
V
VBIAS
BIAS supply voltage
3 to 6
V
VEN
Enable input voltage
0 to VBIAS
V
TJ
Junction temperature range
-25 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com