Electronic Components Datasheet Search
  English  ▼

X  

STLQ50 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLQ50
Description  50 mA, 3 μA supply current low drop linear regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ50 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLQ50 Datasheet HTML 4Page - STMicroelectronics STLQ50 Datasheet HTML 5Page - STMicroelectronics STLQ50 Datasheet HTML 6Page - STMicroelectronics STLQ50 Datasheet HTML 7Page - STMicroelectronics STLQ50 Datasheet HTML 8Page - STMicroelectronics STLQ50 Datasheet HTML 9Page - STMicroelectronics STLQ50 Datasheet HTML 10Page - STMicroelectronics STLQ50 Datasheet HTML 11Page - STMicroelectronics STLQ50 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Typical characteristics
STLQ50XX
8/18
6
Typical characteristics
Figure 5.
VO vs TJ
Figure 6.
VO vs VI
Figure 7.
IQ vs TJ
Figure 8.
VDROP vs IO
Figure 9.
VDROP vs TJ
Figure 10.
Stability
V
I=2.8V, IO=20mA
1.72
1.74
1.76
1.78
1.8
1.82
1.84
-50
-25
0
25
50
75
100
125
Temp [°C]
V
I=2.8V, IO=20mA
1.72
1.74
1.76
1.78
1.8
1.82
1.84
-50
-25
0
25
50
75
100
125
V
I=2.8V, IO=20mA
1.72
1.74
1.76
1.78
1.8
1.82
1.84
-50
-25
0
25
50
75
100
125
Temp [°C]
I
O=50mA, VO=1.8V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
1
234
5
V
I [V]
I
O=50mA, VO=1.8V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
1
234
5
V
I [V]
V
I=5V, IO=1mA, VO=1.8V
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
-50
-25
0
25
50
75
100
125
Temp [°C]
V
I=5V, IO=1mA, VO=1.8V
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
-50
-25
0
25
50
75
100
125
V
I=5V, IO=1mA, VO=1.8V
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
-50
-25
0
25
50
75
100
125
Temp [°C]
T
A=25°C
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
102030
40
50
I
O [mA]
T
A=25°C
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
102030
40
50
I
O [mA]
V
O=2.45V, IO=50mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-50
-25
0
25
50
75
100
125
Temp [°C]
V
O=2.45V, IO=50mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-50
-25
0
25
50
75
100
125
Temp [°C]
T
A=25°C
0
1
2
3
4
5
6
7
8
9
10
11
12
0
1
2345
C
O[µF]
T
A=25°C
0
1
2
3
4
5
6
7
8
9
10
11
12
0
1
2345
C
O[µF]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com