Electronic Components Datasheet Search
  English  ▼

X  

SW25-2G Datasheet(PDF) 31 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW25-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW25-2G Datasheet(HTML) 31 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW25-2G Datasheet HTML 27Page - Aavid, Thermal Division of Boyd Corporation SW25-2G Datasheet HTML 28Page - Aavid, Thermal Division of Boyd Corporation SW25-2G Datasheet HTML 29Page - Aavid, Thermal Division of Boyd Corporation SW25-2G Datasheet HTML 30Page - Aavid, Thermal Division of Boyd Corporation SW25-2G Datasheet HTML 31Page - Aavid, Thermal Division of Boyd Corporation SW25-2G Datasheet HTML 32Page - Aavid, Thermal Division of Boyd Corporation SW25-2G Datasheet HTML 33Page - Aavid, Thermal Division of Boyd Corporation SW25-2G Datasheet HTML 34Page - Aavid, Thermal Division of Boyd Corporation SW25-2G Datasheet HTML 35Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 116 page
background image
31
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
TV35
Narrow channel style heat sink features twisted fins
TV46, TV47, TV58
Narrow channel style heat sink features twisted fins
Narrow channel style
heat sink features twisted
fins for increased air turbu-
lence and better cooling. Can be
mounted vertically or horizontally.
Air Velocity —Feet Per Minute
Heat Dissipated —Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
TV46, TV47
TV58
Part Number
“A” Dim
“B” Dim
TV46G
13.00 (0.512)
9.50 (0.374)
TV47G
13.00 (0.512)
6.30 (0.248)
TV58G
11.00 (0.433)
6.30 (0.248)
ORDERING INFORMATION
19.00
(0.749)
CL
4.00
(0.157)
"A"
22.00
(0.887)
MAX
11.00
(0.433)
MIN
THRU
ø
“B”
TO-220 Heat Sinks
Narrow channel style heat sink
features twisted fins for increased
air turbulence and better cooling.
Mounts horizontally to accommo-
date two TO-220 devices.
38.00
(1.497)
42.00
(1.655)
35.00
(1.380)
25.00
(0.985)
CL
10.00
(0.394)
14.00
(0.552)
4.00
(0.158)
THRU
2X
ø
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
Part Number
Description
TV35G
Channel style heat sink with twisted fins
ORDERING INFORMATION
Material: 0.81 (0.032) Thick Aluminum
Finish: Black Anodize
Material: 0.81 (0.032) Thick Aluminum
Finish: Black Anodize
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com