Electronic Components Datasheet Search
  English  ▼

X  

SW38-4G Datasheet(PDF) 53 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-4G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-4G Datasheet(HTML) 53 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-4G Datasheet HTML 49Page - Aavid, Thermal Division of Boyd Corporation SW38-4G Datasheet HTML 50Page - Aavid, Thermal Division of Boyd Corporation SW38-4G Datasheet HTML 51Page - Aavid, Thermal Division of Boyd Corporation SW38-4G Datasheet HTML 52Page - Aavid, Thermal Division of Boyd Corporation SW38-4G Datasheet HTML 53Page - Aavid, Thermal Division of Boyd Corporation SW38-4G Datasheet HTML 54Page - Aavid, Thermal Division of Boyd Corporation SW38-4G Datasheet HTML 55Page - Aavid, Thermal Division of Boyd Corporation SW38-4G Datasheet HTML 56Page - Aavid, Thermal Division of Boyd Corporation SW38-4G Datasheet HTML 57Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 116 page
background image
53
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
TO-220 & TO-262 Heat Sinks
5669
Plug in style heat sink with folded back fins
Plug in style heat sink with folded
back fins for extra cooling capacity.
Features four spring action clips to
firmly hold the device to the heat sink
ensuring maximum metal to metal
thermal contact. Available with or
without solderable mounting tabs
for both horizontal and vertical
mounting to the PC board.
12.70
(0.500)
12.70
(0.500)
0.81
(0.032)
21.59
(0.850)
25.40
(1.000)
1.27
(0.050)
6.20
(0.245)
TAB
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
0
1
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
Part Number
Description
Figure
566902B00000G
Plug in style heat sink with no mounting tab
A
566902B03100G
With horizontal mounting tab
A
1.73 (0.068)
566902B04000G
With vertical mounting tab
B
1.75 (0.069)
ORDERING INFORMATION
12.70
(0.500)
12.70
(0.500)
1.27
(0.050)
14.86
(0.585)
4.06
(0.160)
0.81
(0.032)
21.59
(0.850)
25.40
(1.000)
CL
TAB
Material: 0.81 (0.032) Thick Aluminum
Finish: Black Anodize
Dia of PCB
Plated Thru
Hole for Tabs
FIGURE A
FIGURE B
TV96, TV97
Hat section heat sink with twisted fins
Hat section heat sink with
twisted fins is low profile and
perfect for use on circuit cards
with 0.500 spacing. The twisted
fins increase air turbulence for
better thermal performance.
17.80
(0.701)
10.20
(0.402)
17.80
(0.701)
"A"
3.66
(0.144)
13.50
(0.531)
ø
CL
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
25
0
20
40
60
80
100
01
2
3
4
5
20
15
5
10
0
0
400
200
600
800
1000
TV97
TV96
Material: 0.99 (0.039) Thick Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
“A” Dim
TV96G
31.70 (1.248)
TV97G
44.40 (1.748)
TO-220 & TO-218 & TO-247 Heat Sinks
For additional options see page 82
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com