Electronic Components Datasheet Search
  English  ▼

X  

SW38-6G Datasheet(PDF) 14 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-6G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-6G Datasheet(HTML) 14 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-6G Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation SW38-6G Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation SW38-6G Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation SW38-6G Datasheet HTML 13Page - Aavid, Thermal Division of Boyd Corporation SW38-6G Datasheet HTML 14Page - Aavid, Thermal Division of Boyd Corporation SW38-6G Datasheet HTML 15Page - Aavid, Thermal Division of Boyd Corporation SW38-6G Datasheet HTML 16Page - Aavid, Thermal Division of Boyd Corporation SW38-6G Datasheet HTML 17Page - Aavid, Thermal Division of Boyd Corporation SW38-6G Datasheet HTML 18Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 116 page
background image
14
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
Push pin attachment
Push pin heat sinks require two 3.10mm holes in the circuit card
to quickly attach the heat sink over the device. The one piece
design makes assembly a snap. Pressure is maintained by the
tension of the push pin coil springs to ensure even pressure
across the device. Push pins provide a greater margin of reliabil-
ity in applications where gravity or vibration may cause tapes or
adhesives to fail. The addition of a phase change pad optimizes
thermal performance.
IC Pkg. Size (mm)
Part Number
“W” (mm)
“L” (mm)
“H” (mm)
“S” (mm)
“T” (mm)
θn
2
θf
3
Finish
Fig.
PCB Fig.
1
Pin Style
Pad
28 x 28
10-6326-27G
28.00
28.00
6.00
46.60
6.50
44.10
13.13
Black anodize
1
A
Plastic
Yes
28 x 28
10-6326-28G
28.00
28.00
6.00
46.60
6.50
44.10
13.13
Black anodize
1
A
Brass
Yes
28 x 28
10-6327-01G
28.50
28.50
10.00
46.60
7.00
30.60
9.26
Black anodize
2
A
Plastic
No
35 x 35
10-TNT2-01G
36.10
48.00
11.60
6.50
18.80
6.13
Black anodize
3
D
Plastic
No
37.5 x 37.5
10-5597-02G
37.40
37.40
6.00
59.00
6.50
33.30
9.91
Green anodize
5
B
Plastic
No
37.5 x 37.5
10-5597-22G
37.40
37.40
6.00
59.00
6.50
33.30
9.91
Gold anodize
5
B
Plastic
Yes
37.5 x 37.5
10-5597-33G
37.40
37.40
6.00
59.00
6.50
33.30
9.91
Gold anodize
5
B
Brass
Yes
37.5 x 37.5
10-5607-04G
37.40
37.40
10.00
59.00
7.00
22.10
6.99
Black anodize
5
B
Plastic
Yes
37.5 x 37.5
10-5607-05G
37.40
37.40
10.00
59.00
7.00
22.10
6.99
Black anodize
5
B
Brass
Yes
37.5 x 37.5
372924M02000G
37.40
37.40
6.00
59.00
6.50
32.60
9.91
Green anodize
5
B
Plastic
No
45 x 45
10-L4LB-03G
45.20
41.40
11.89
58.80
8.00
16.70
5.60
Black anodize
4
C
Plastic
Yes
45 x 45
10-L4LB-05G
45.20
41.40
11.89
58.80
8.00
16.70
5.60
Black anodize
4
C
Brass
Yes
45 x 45
10-L4LB-11G
45.20
41.40
11.70
58.80
8.00
14.20
4.91
Black anodize
4
C
Plastic
No
BGA–Push Pin Attachment
1. Push pin mechanical drawings and board mounting drawings see page 15
2. Natural convection thermal resistance based on a 75° C heat sink temperature rise.
3. Forced convection thermal resistance based on an entering 1.0 m/s (200LFM) airflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com