Electronic Components Datasheet Search
  English  ▼

X  

STLQ50M33R Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLQ50M33R
Description  50 mA, 3 μA supply current low drop linear regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ50M33R Datasheet(HTML) 1 Page - STMicroelectronics

  STLQ50M33R Datasheet HTML 1Page - STMicroelectronics STLQ50M33R Datasheet HTML 2Page - STMicroelectronics STLQ50M33R Datasheet HTML 3Page - STMicroelectronics STLQ50M33R Datasheet HTML 4Page - STMicroelectronics STLQ50M33R Datasheet HTML 5Page - STMicroelectronics STLQ50M33R Datasheet HTML 6Page - STMicroelectronics STLQ50M33R Datasheet HTML 7Page - STMicroelectronics STLQ50M33R Datasheet HTML 8Page - STMicroelectronics STLQ50M33R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
November 2007
Rev. 4
1/18
18
STLQ50XX
50 mA, 3 µA supply current low drop linear regulator
Features
■ 2.3 V to 12 V input voltage range
■ 50 mA maximum output current
■ 3 µA quiescent current
■ Available in 1.8 V, 2.5 V, 3.3 V, 5.0 V and
adjustable
■ 200 mV dropout voltage at 25 mA output
current
■ Internal thermal protection
■ Available in SOT323-5L package, and SOT23-
5L package (upon request)
Applications
■ Portable/battery powered equipments
■ Electronic sensors
■ Microcontroller power
■ Real time clock backup power
Description
The STLQ50 is a BiCMOS linear regulator
specifically designed for operating in environment
with very low power consumption constraints.
Due to the very low quiescent current (3 µA) the
device is suitable for those application that have
very long stand-by time allowing extension of
battery life.
The P-MOS pass element allows also a very good
drop-out figure (200 mV at 25 mA IO and 350 mV
at full load) without affecting the consumption
characteristics.
Housed in the very small SOT323-5L or SOT23-
5L, it fulfils the space saving requirements in
battery powered equipments.
SOT23-5L
SOT323-5L
(available on request)
Table 1.
Device summary
Part number
Order codes
Output voltage
Packages
SOT323-5L (T&R)
SOT23-5L (T&R) (1)
STLQ50XX18
STLQ50C18R
STLQ50M18R
Fixed VO = 1.8V
STLQ50XX25
STLQ50C25R
STLQ50M25R
Fixed VO = 2.5V
STLQ50XX33
STLQ50C33R
STLQ50M33R
Fixed VO = 3.3V
STLQ50XX50
STLQ50C50R
STLQ50M50R
Fixed VO = 5.0V
STLQ50
STLQ50C-R
STLQ50M-R
Adjustable
1.
Available upon request.
www.st.com


Similar Part No. - STLQ50M33R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
150 mA, ultra low quiescent current linear voltage regulator
02-Sep-2016
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
148Kb / 4P
NFC Dynamic Tag sensor node evaluation board
22-Jun-2018
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
519Kb / 19P
150 mA, ultra low quiescent current linear voltage regulator
14-Feb-2020
STLQ015M12R STMICROELECTRONICS-STLQ015M12R Datasheet
1Mb / 17P
150 mA, ultra low quiescent current linear voltage regulator
02-Sep-2016
STLQ015M12R STMICROELECTRONICS-STLQ015M12R Datasheet
519Kb / 19P
150 mA, ultra low quiescent current linear voltage regulator
14-Feb-2020
More results

Similar Description - STLQ50M33R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715 TI-TPS715 Datasheet
294Kb / 14P
50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
TPS71501-Q1 TI-TPS71501-Q1_V01 Datasheet
1Mb / 20P
TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
TPS715 TI-TPS715_V01 Datasheet
3Mb / 29P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V03 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715 TI1-TPS715_V03 Datasheet
3Mb / 32P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V04 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV709 TI-TLV709 Datasheet
4Mb / 25P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
FEBRUARY 2023
TLV704 TI-TLV704_V05 Datasheet
6Mb / 30P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com