Electronic Components Datasheet Search
  English  ▼

X  

75232 Datasheet(PDF) 5 Page - System Logic Semiconductor

Part # 75232
Description  Line Driver / Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

75232 Datasheet(HTML) 5 Page - System Logic Semiconductor

  75232 Datasheet HTML 1Page - System Logic Semiconductor 75232 Datasheet HTML 2Page - System Logic Semiconductor 75232 Datasheet HTML 3Page - System Logic Semiconductor 75232 Datasheet HTML 4Page - System Logic Semiconductor 75232 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SL75232
System Logic
Semiconductor
SLS
tTHL
Transition Time,
CL = 15
ρF
20
ns
High -To- Low -Level Output
RL = 390 k
Ω
Parameter Measurement Information
DRIVER
CL
RL
Test Circuit
OUTPUT
PULSE
GENERATOR
(See Note A)
RESEIVER
VCC
CL
R1
Test Circuit
OUTPUT
(See Note C)
PULSE
GENERATOR
(See Note A)
Voltage Waveform
INTPUT
50%
50%
1.5V
1.5V
3V
VOL
VOH
OV
10ns
tPHL
tPLH
tTLH
tTHL
OUTPUT
TW=25
µs, Voltage Waveform
INTPUT
1.5V
1.5V
50%
10%
10%
90%
90%
50%
3V
VOL
VOH
OV
10ns
tPHL
tPLH
tTLH
tTHL
OUTPUT
Note
A.
The pulse generator has the following characteristics. f = 200 KHz, Z O = 50 Ω
B.
C included probe and jig capacitance.
C.
All diodes are 1N3064 or equivalent.
Fig1. Propagation and Transition Times
Typical Application
DB95
SIO Card
ILA75232N,D
9
8
6
7
5
4
3
2
1
+5V
TX
CTS
DTR
RI
-12V
/RI
/DTR
SOUT
/CTS
RX
RTS
/RTS
SIN
DSR
DCD
+12V
/DCD
/DSR
UART



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com