Electronic Components Datasheet Search
  English  ▼

X  

FN02C Datasheet(PDF) 23 Page - Cooper Bussmann, Inc.

Part # FN02C
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FN02C Datasheet(HTML) 23 Page - Cooper Bussmann, Inc.

Back Button FN02C Datasheet HTML 19Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 20Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 21Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 22Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 23Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 24Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 25Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 26Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 27Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Class gG
400 - 690V / 0.5 - 125A
Sizes: 8x31, 10x38,
14x51, 22x58
Specifications
Description:
Cylindrical fuses for gG Industrial
protection (general applications). Available with or
without indicators and visual fuse activation
indicator. Striker fitted to activate an auxiliary contact.
Ratings:
Applications:
Protection of electrical distribution
circuits and electrical appliances (with the exception of
electrical motors)
Agency Information:
EN IEC 60269
RoHS Compliant
Dimensions
Cylindrical Industrial Fuses
Volts: - 400, 500, 690V ac
Amps: - 0.25 - 125A
IR - 20kA - 400V ac (size 8 x 31)
- 120kA - 400 and 500V ac
- 80 kA - 690V ac
Size
A
B
C
D
E
8 x 31
8.5
31.5
6.3
10 x 38
10.3
38
10
14 x 51
14.3
51
13
8
4
22 x 58
22.2
58
16
8
4
Catalogue Numbers
Size
Current
(A)
References
without
Indicator
References
with Indicator
References
with
Striker
Voltage
(V)
Disconnection
power (kA)
UP*
8 x 31
0.5
C08G0.5
-
400V
20kA
10
1
C08G1
-
2
C08G2
C08G2I
4
C08G4
C08G4I
6
C08G4
C08G4I
8
C08G8
C08G8I
10
C08G10
C08G10I
12
C08G12
C08G12I
16
C08G16
C08G16I
20
C08G20
C08G20I
10 x 38
0.5
C10G0.5
-
500V
120kA
10
1
C10G1
-
2
C10G2
C10G2I
4
C10G4
C10G4I
6
C10G6
C10G6I
8
C10G8
C10G8I
10
C10G10
C10G10I
12
C10G12
C10G12I
16
C10G16
C10G16I
20
C10G20
C10G20I
25
C10G25
C10G25I
32
C10G32
C10G32I
400V
14 x 51
2
C14G2
C14G2I
C14G2S
690V
80kA
10
4
C14G4
C14G4I
C14G4S
6
C14G6
C14G6I
C14G6S
8
C14G8
C14G8I
C14G8S
10
C14G10
C14G10I
C14G10S
12
C14G12
C14G12I
C14G12S
16
C14G16
C14G16I
C14G16S
20
C14G20
C14G20I
C14G20S
25
C14G25
C14G25I
C14G25S
32
C14G32
C14G32I
C14G32S
500V
120kA
40
C14G40
C14G40I
C14G40S
50
C14G50
C14G50I
C14G50S
400V
22 x 58
2
C22G2
C22G2I
690V
80kA
10
4
C22G4
C22G4I
C22G4S
6
C22G6
C22G6I
C22G6S
8
C22G8
C22G8I
C22G8S
10
C22G10
C22G10I
C22G10S
12
C22G12
C22G12I
C22G12S
16
C22G16
C22G16I
C22G16S
20
C22G20
C22G20I
C22G20S
25
C22G25
C22G25I
C22G25S
32
C22G32
C22G32I
C22G32S
40
C22G40
C22G40I
C22G40S
50
C22G50
C22G50I
C22G50S
63
C22G63
C22G63I
C22G63S
80
C22G80
C22G80I
C22G80S
500V
120kA
100
C22G100
C22G100I C22G100S
125
C22G125
C22G125I C22G125S
400V
24
*UP: Unit Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com