Electronic Components Datasheet Search
  English  ▼

X  

SN11030 Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SN11030
Description  USB to CF/ATA/SM/Flash Interface Controller, Mass Storage Class Compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11030 Datasheet(HTML) 5 Page - SONiX Technology Company

  SN11030 Datasheet HTML 1Page - SONiX Technology Company SN11030 Datasheet HTML 2Page - SONiX Technology Company SN11030 Datasheet HTML 3Page - SONiX Technology Company SN11030 Datasheet HTML 4Page - SONiX Technology Company SN11030 Datasheet HTML 5Page - SONiX Technology Company SN11030 Datasheet HTML 6Page - SONiX Technology Company SN11030 Datasheet HTML 7Page - SONiX Technology Company SN11030 Datasheet HTML 8Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN11030
Confidential
2002/6/26
0.2
5
60
LED_SM
DO
8mA
LED for SM
61
TAVDD
PWR
USB transceiver 3.3V
62
AVDD
PWR
PLL analog 3.3V
63
AVSS
PWR
PLL analog ground
64
TAVSS
PWR
USB transceiver ground
65
DPLUS
AIO -
-
USB D+ signal
66
DMINUS
AIO -
-
USB D- signal
67
NC
Not Connected
68
NC
Not Connected
69 CFRSTN
DO
8mA
ATA reset, active low
70
GPIO7
DIO 8mA
GPIO7 for SM data bus OE
71
CFCDET
DI
8mA PU
CF card detect
72
CFPOWER
DO
8mA OC
CF power control
73
NC
Not Connected
74
NC
Not Connected
75
NC
Not Connected
76
NC
Not Connected
77
CFD3_SMD4
DIO 8mA PD
ATA data bit 3 / SM data bit 4
78
CFD11_SMD5
DIO 8mA PD
ATA data bit 11 / SM data bit 5
79
CFD4_SMD3
DIO 8mA PD
ATA data bit 4 / SM data bit 3
80
VDD
P
-
-
Digital 3.3V
¨
P: power pin; AI: analog input pin, AIO: analog input/output pin; DI: digital input pin; DO: digital
output pin; DIO: digital input/output pin.
¨
TTL: TTL compatible input pin; PD: pull down; PU: pull up.
¨
All pads are Schmitt triggered and with slew rate control



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com