Electronic Components Datasheet Search
  English  ▼

X  

SN65012 Datasheet(PDF) 1 Page - SONiX Technology Company

Part # SN65012
Description  One Channel Direct Drive Speech Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN65012 Datasheet(HTML) 1 Page - SONiX Technology Company

  SN65012 Datasheet HTML 1Page - SONiX Technology Company SN65012 Datasheet HTML 2Page - SONiX Technology Company SN65012 Datasheet HTML 3Page - SONiX Technology Company SN65012 Datasheet HTML 4Page - SONiX Technology Company SN65012 Datasheet HTML 5Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN65012
One Channel Direct Drive Speech Controller
December 20, 2000
1
INTRODUCTION
SN65012 is a 12 seconds one-channel single chip voice synthesizer IC which
contains a PWM Direct Drive Circuit. There is one 4-bit I/O port and built in a
tiny controller. By programming through the tiny controller, user’s applications
including section combination, trigger modes, output status, and other logic
functions can be easily implemented.
FEATURES
Single power supply 2.4V – 5.1V
12 seconds voice capacity is provided
Built in a tiny controller
One 4-bit I/O port is provided
64*4 bits RAM are provided
Maximum 16k program ROM is provided
Readable ROM code data
Built in a high quality speech synthesizer
Adaptive playing speed from 2.5k-20kHz is provided
Built in a PWM Direct Drive circuit output BUO1 and BUO2 directly
connected to Speaker for sound output
System clock : 1MHz
PIN ASSIGNMENT
Symbol
I/O
Function Description
P20
I/O Bit0 of I/O port 2
P21
I/O Bit1 of I/O port 2
P22
I/O Bit2 of I/O port 2
P23
I/O Bit3 of I/O port 2
VDD
I
Positive power supply
OSC
I
Oscillation component connection pin
TEST
I
For testing only
GND
I
Negative power supply
BUO1
O
PWM output 1
BUO2
O
PWM output 2


Similar Part No. - SN65012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN6501 TI1-SN6501 Datasheet
1Mb / 26P
Transformer Driver for Isolated Power Supplies
SN6501 TI1-SN6501 Datasheet
1Mb / 29P
Transformer Driver for Isolated Power Supplies
SN6501 TI2-SN6501 Datasheet
2Mb / 38P
SN6501 Transformer Driver for Isolated Power Supplies
REVISED JANUARY 2021
SN6501-Q1 TI1-SN6501-Q1 Datasheet
963Kb / 33P
Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI1-SN6501-Q1 Datasheet
964Kb / 34P
Transformer Driver for Isolated Power Supplies
More results

Similar Description - SN65012

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN65020 SONIX-SN65020 Datasheet
130Kb / 5P
One Channel Direct Drive Speech Controller
SN67D07 SONIX-SN67D07 Datasheet
106Kb / 5P
One Channel Direct Drive Speech Controller
SNC104 SONIX-SNC104 Datasheet
341Kb / 10P
One Channel Direct Drive Speech Controller?
SNC106 SONIX-SNC106 Datasheet
321Kb / 10P
One Channel Direct Drive Speech Controller?
SNC107 SONIX-SNC107 Datasheet
331Kb / 10P
One Channel Direct Drive Speech Controller?
SNC109 SONIX-SNC109 Datasheet
331Kb / 10P
One Channel Direct Drive Speech Controller?
SNC10A SONIX-SNC10A_05 Datasheet
340Kb / 11P
One Channel Direct Drive Speech Controller
SNC10C SONIX-SNC10C_05 Datasheet
329Kb / 11P
One Channel Direct Drive Speech Controller
SNC10D SONIX-SNC10D_05 Datasheet
336Kb / 11P
One Channel Direct Drive Speech Controller
SNC107 SONIX-SNC107_05 Datasheet
334Kb / 11P
One Channel Direct Drive Speech Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com