Electronic Components Datasheet Search
  English  ▼

X  

SN65031 Datasheet(PDF) 1 Page - SONiX Technology Company

Part # SN65031
Description  Two Channels Direct Drive Speech Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN65031 Datasheet(HTML) 1 Page - SONiX Technology Company

  SN65031 Datasheet HTML 1Page - SONiX Technology Company SN65031 Datasheet HTML 2Page - SONiX Technology Company SN65031 Datasheet HTML 3Page - SONiX Technology Company SN65031 Datasheet HTML 4Page - SONiX Technology Company SN65031 Datasheet HTML 5Page - SONiX Technology Company SN65031 Datasheet HTML 6Page - SONiX Technology Company SN65031 Datasheet HTML 7Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN65031
Two Channels Direct Drive Speech Controller
December 20, 2000
1
INTRODUCTION
SN65031 is a 31 seconds two-channel single chip voice synthesizer IC which
contains a PWM Direct Drive Circuit and fixed current D/A output. There are two
4-bit I/O ports and built in a tiny controller. By programming through the tiny
controller, user’s applications including section combination, trigger modes,
output status, and other logic functions can be easily implemented.
FEATURES
Single power supply 2.4V – 5.1V
31 seconds voice capacity is provided
Built in a tiny controller
Two 4-bit I/O ports are provided
64*4 bits RAM are provided
Maximum 16k program ROM is provided
Readable ROM code data
Built in a high quality speech synthesizer
Adaptive playing speed from 2.5k-20kHz is provided
Two independent voice channels (Channel 1 + Channel 2
→Buo1,Buo2)
Built in a PWM Direct Drive circuit and a fixed current D/A output
Low Voltage Reset
System clock : 2MHZ


Similar Part No. - SN65031

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN65004 SONIX-SN65004 Datasheet
124Kb / 5P
One Channel Direct Drive Speech Controller
SN65007 SONIX-SN65007 Datasheet
130Kb / 5P
One Channel Direct Drive Speech Controller
logo
Texas Instruments
SN6501 TI1-SN6501 Datasheet
1Mb / 26P
Transformer Driver for Isolated Power Supplies
SN6501 TI1-SN6501 Datasheet
1Mb / 29P
Transformer Driver for Isolated Power Supplies
SN6501 TI2-SN6501 Datasheet
2Mb / 38P
SN6501 Transformer Driver for Isolated Power Supplies
REVISED JANUARY 2021
More results

Similar Description - SN65031

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN65042 SONIX-SN65042 Datasheet
169Kb / 7P
Two Channels Direct Drive Speech Controller
SN65061 SONIX-SN65061 Datasheet
168Kb / 7P
Two Channels Direct Drive Speech Controller
SNC539 SONIX-SNC539 Datasheet
437Kb / 12P
Two Channel Direct Drive Speech Controller?
SNC549 SONIX-SNC549 Datasheet
437Kb / 12P
Two Channel Direct Drive Speech Controller?
SNC588 SONIX-SNC588 Datasheet
420Kb / 11P
Two Channel Direct Drive Speech Controller?
SNC5A4 SONIX-SNC5A4 Datasheet
403Kb / 11P
Two Channel Direct Drive Speech Controller?
SNC532 SONIX-SNC532_05 Datasheet
417Kb / 11P
Two Channel Direct Drive Speech Controller
SNC538 SONIX-SNC538_05 Datasheet
406Kb / 11P
Two Channel Direct Drive Speech Controller
SNC558 SONIX-SNC558_05 Datasheet
414Kb / 11P
Two Channel Direct Drive Speech Controller
SNC572 SONIX-SNC572_05 Datasheet
418Kb / 11P
Two Channel Direct Drive Speech Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com