Electronic Components Datasheet Search
  English  ▼

X  

SN66007 Datasheet(PDF) 1 Page - SONiX Technology Company

Part # SN66007
Description  2-Channel Speech Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN66007 Datasheet(HTML) 1 Page - SONiX Technology Company

  SN66007 Datasheet HTML 1Page - SONiX Technology Company SN66007 Datasheet HTML 2Page - SONiX Technology Company SN66007 Datasheet HTML 3Page - SONiX Technology Company SN66007 Datasheet HTML 4Page - SONiX Technology Company SN66007 Datasheet HTML 5Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN66007
2-Channel Speech Controller
December 20, 2000
1
INTRODUCTION
SN66007 is a 7 seconds single chip 2-channel voice synthesizer IC which
contains I/O pins and a tiny controller. By programming through the tiny
controller, user’s applications including section combination, trigger modes,
output status, high performance melody, multiple voices, and other logic
functions can be implemented.
FEATURES
Single power supply 2.4V – 5.1V
Built in a tiny controller
7 seconds voice capacity is provided
Two 4-bit I/O ports are provided
64*4 bits RAM are provided
Maximum 64k program ROM is provided
Readable ROM code data
Built in a high quality speech synthesizer
Two independent voice channels
Adaptive playing speed from 4k-40kHz is provided for all 2 channels
individually
A 6-bit*8-bit Multiplier is embed to modulate the volume of synthesized
voices
One digital mixers (with saturation control) are provided
One 8-bit current output DA converters
System clock: 2M Hz ( R-type or Crystal Option)


Similar Part No. - SN66007

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN66010 SONIX-SN66010 Datasheet
104Kb / 5P
2-Channel Speech Controller
SN66012 SONIX-SN66012 Datasheet
132Kb / 5P
4-Channel Speech Controller
SN66012B SONIX-SN66012B Datasheet
304Kb / 11P
4-Channel Speech Controller
SN66016 SONIX-SN66016 Datasheet
132Kb / 5P
4-Channel Speech Controller
SN66016B SONIX-SN66016B Datasheet
303Kb / 11P
4-Channel Speech Controller
More results

Similar Description - SN66007

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN66010 SONIX-SN66010 Datasheet
104Kb / 5P
2-Channel Speech Controller
SN52010 SONIX-SN52010 Datasheet
345Kb / 11P
2-Channel Speech Controller
SN52020 SONIX-SN52020 Datasheet
345Kb / 11P
2-Channel Speech Controller
SN56340 SONIX-SN56340 Datasheet
378Kb / 11P
4-Channel Speech Controller
SN66020B SONIX-SN66020B Datasheet
303Kb / 11P
4-Channel Speech Controller
SNC678 SONIX-SNC678_05 Datasheet
421Kb / 14P
4-Channel Speech Controller
SNC12012 SONIX-SNC12012 Datasheet
351Kb / 9P
One Channel Speech Controller
SNC12016 SONIX-SNC12016 Datasheet
361Kb / 9P
One Channel Speech Controller
SNC12020 SONIX-SNC12020 Datasheet
361Kb / 9P
One Channel Speech Controller
SNC12030 SONIX-SNC12030 Datasheet
351Kb / 9P
One Channel Speech Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com