Electronic Components Datasheet Search
  English  ▼

X  

LP2952IM Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP2952IM
Description  Adjustable Micropower Low-Dropout Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2952IM Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP2952IM Datasheet HTML 8Page - Texas Instruments LP2952IM Datasheet HTML 9Page - Texas Instruments LP2952IM Datasheet HTML 10Page - Texas Instruments LP2952IM Datasheet HTML 11Page - Texas Instruments LP2952IM Datasheet HTML 12Page - Texas Instruments LP2952IM Datasheet HTML 13Page - Texas Instruments LP2952IM Datasheet HTML 14Page - Texas Instruments LP2952IM Datasheet HTML 15Page - Texas Instruments LP2952IM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Typical Performance Characteristics Unless otherwise specified: V
IN = 6V, IL = 1 mA, CL = 2.2 µF,
VSD = 3V, TA = 25˚C, VOUT = 5V. (Continued)
Thermal Regulation
Minimum Operating Voltage
01112751
01112752
Dropout Voltage
01112753
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com