Electronic Components Datasheet Search
  English  ▼

X  

LP2981 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP2981
Description  100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2981 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP2981 Datasheet HTML 4Page - Texas Instruments LP2981 Datasheet HTML 5Page - Texas Instruments LP2981 Datasheet HTML 6Page - Texas Instruments LP2981 Datasheet HTML 7Page - Texas Instruments LP2981 Datasheet HTML 8Page - Texas Instruments LP2981 Datasheet HTML 9Page - Texas Instruments LP2981 Datasheet HTML 10Page - Texas Instruments LP2981 Datasheet HTML 11Page - Texas Instruments LP2981 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Reverse Input-Output Voltage
VOUT
VIN
VOUT
VIN
Schottky
LP2981
LP2981
SLVS521F – JULY 2004 – REVISED AUGUST 2008 ......................................................................................................................................................... www.ti.com
An inherent diode is present across the PNP pass element of the LP2981.
With the anode connected to the output, this diode is reverse biased during normal operation, since the input
voltage is higher than the output. However, if the output is pulled one VBE higher than the input, or if the input is
abruptly stepped below the output, this diode is forward biased and can cause a parasitic silicon-controlled
rectifier (SCR) to latch, resulting in current flowing from the output to the input (values in excess of 100 mA can
cause damage). Thus, to prevent possible damage to the regulator in any application where the output may be
pulled above the input, an external Schottky diode must be connected between the output and input. With the
anode on output, this Schottky limits the reverse voltage across the output and input pins to
∼0.3 V, preventing
the regulator's internal diode from forward biasing.
8
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com