Electronic Components Datasheet Search
  English  ▼

X  

LM211-EP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM211-EP
Description  DIFFERENTIAL COMPARATOR WITH STROBES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM211-EP Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM211-EP Datasheet HTML 9Page - Texas Instruments LM211-EP Datasheet HTML 10Page - Texas Instruments LM211-EP Datasheet HTML 11Page - Texas Instruments LM211-EP Datasheet HTML 12Page - Texas Instruments LM211-EP Datasheet HTML 13Page - Texas Instruments LM211-EP Datasheet HTML 14Page - Texas Instruments LM211-EP Datasheet HTML 15Page - Texas Instruments LM211-EP Datasheet HTML 16Page - Texas Instruments LM211-EP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.ti.com
500
Ω
3.9 k
Ω
10 k
Ω
1.5
µF
+
VCC+
Output
2N2222
2N3708
1 k
Ω
3 k
Ω
3 k
Ω
VCC+ = 5 V
Input
10 k
Ω
VCC− = −10 V
Output
to MOS
BAL/
STRB
BALANCE
3.9 k
Ω
30 k
Ω (see Note A)
1.5
µF
+
VCC+ = 5 V
Input
From
TTL
2N2222
2N3708
Output
510
Ω
1 k
Ω
1 k
Ω
2N2222
2N2222
2.2 k
Ω
1N914
1N914
2.7 k
Ω
LM211-EP
DIFFERENTIAL COMPARATOR WITH STROBES
SLCS140A – DECEMBER 2002 – REVISED MAY 2006
APPLICATION INFORMATION (continued)
Figure 20. Low-Voltage Adjustable Reference Supply
Figure 21. Zero-Crossing Detector Driving MOS Logic
A.
Adjust to set clamp level
Figure 22. Precision Squarer
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com