Electronic Components Datasheet Search
  English  ▼

X  

SSL2109 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SSL2109
Description  GreenChip controller for LED lighting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2109 Datasheet(HTML) 1 Page - NXP Semiconductors

  SSL2109 Datasheet HTML 1Page - NXP Semiconductors SSL2109 Datasheet HTML 2Page - NXP Semiconductors SSL2109 Datasheet HTML 3Page - NXP Semiconductors SSL2109 Datasheet HTML 4Page - NXP Semiconductors SSL2109 Datasheet HTML 5Page - NXP Semiconductors SSL2109 Datasheet HTML 6Page - NXP Semiconductors SSL2109 Datasheet HTML 7Page - NXP Semiconductors SSL2109 Datasheet HTML 8Page - NXP Semiconductors SSL2109 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The SSL2109 series is a range of high-voltage Integrated Circuits (IC) for driving LED
lamps in general lighting applications.
The main benefits of this IC include:
Small Printed-Circuit Board (PCB) footprint, and compact solution
High efficiency (up to 95 %)
Ease of integration and many protection features
Low electronic Bill Of Material (BOM)
The IC is supplementary to the SSL2108 series but without an internal switch. The IC
range has been designed to start up directly from the HV supply by an internal
high-voltage current source. Thereafter, the dV/dt supply is used with capacitive coupling
from the drain, or any other auxiliary supply. This functionality provides full flexibility in the
application design. An internal clamp limits the supply voltage.
The IC provides accurate output current control to within 5 % LED current accuracy. The
IC can be operated using Pulse-Width Modulation (PWM) dimming and has many
protection features including easy LED temperature feedback.
2.
Features and benefits
LED controller IC for driving strings of LEDs or high-voltage LED modules from a
rectified mains supply
Part of a high-efficiency switch mode buck driver product family
Controller that has power-efficient boundary conduction mode of operation with:
No reverse recovery losses in freewheel diode
Zero Current Switching (ZCS) for switch turn-on
Zero voltage or valley switching for switch turn-off
Minimal required inductance value and size
Direct PWM dimming possible
Fast transient response through cycle-by-cycle current control:
Negligible AC mains ripple in LED current and minimal total capacitor value
No over or undershoots in the LED current
No binning on the LED forward voltage required
Internal Protections:
UnderVoltage LockOut (UVLO)
SSL2109 series
GreenChip controller for LED lighting
Rev. 3 — 4 June 2012
Product data sheet


Similar Part No. - SSL2109

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL2109T NXP-SSL2109T Datasheet
589Kb / 19P
GreenChip controller for LED lighting
Rev. 2-26 April 2012
More results

Similar Description - SSL2109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92020 TI-TPS92020 Datasheet
553Kb / 22P
Resonant-Switching Driver Controller for LED Lighting
logo
NXP Semiconductors
SSL21081T PHILIPS-SSL21081T Datasheet
846Kb / 24P
GreenChip drivers for LED lighting
Rev. 2-6 December 2011
SSL2101 PHILIPS-SSL2101_11 Datasheet
160Kb / 23P
Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
LED Lighting Power Controller
logo
NXP Semiconductors
SSL2109T NXP-SSL2109T Datasheet
589Kb / 19P
GreenChip controller for LED lighting
Rev. 2-26 April 2012
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
LED Lighting Power Controller
logo
ON Semiconductor
NCL30086 ONSEMI-NCL30086 Datasheet
378Kb / 28P
Controller for LED Lighting
February, 2015 ??Rev. 2
logo
Texas Instruments
UCC28810 TI1-UCC28810_15 Datasheet
1Mb / 34P
LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20134ASP RENESAS-R2A20134ASP_16 Datasheet
735Kb / 14P
LED Lighting Power Controller
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
LED Lighting Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com