Electronic Components Datasheet Search
  English  ▼

X  

SN67013 Datasheet(PDF) 1 Page - SONiX Technology Company

Part # SN67013
Description  Speech Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN67013 Datasheet(HTML) 1 Page - SONiX Technology Company

  SN67013 Datasheet HTML 1Page - SONiX Technology Company SN67013 Datasheet HTML 2Page - SONiX Technology Company SN67013 Datasheet HTML 3Page - SONiX Technology Company SN67013 Datasheet HTML 4Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SN67013
Speech Controller
December 20, 2000
1
INTRODUCTION
SN67013 is a 13 seconds single chip voice synthesizer IC which contains I/O
pins and a tiny controller. By programming through the tiny controller, user’s
applications including section combination, trigger modes, output status, and
other logic functions can then be easily implemented.
FEATURES
Single power supply 2.4V - 5.1V
Built in a tiny controller
13 seconds voice capacity are provided
Two 4-bit I/O ports are provided
64*4 bits RAM are provided
Maximum 16k program ROM is provided
Readable ROM code data
Built in a high quality speech synthesizer
Adaptive playing speed from 2.5k-20kHz is provided
Fixed current D/A output is provided to drive external connected transistor
for sound output
Low Voltage Reset
PIN ASSIGNMENT
Symbol
I/O
Function Description
P20
I/O Bit0 of I/O port 2
P21
I/O Bit1 of I/O port 2
P22
I/O Bit2 of I/O port 2
P23
I/O Bit3 of I/O port 2
P30
I/O Bit0 of I/O port 3
P31
I/O Bit1 of I/O port 3
P32
I/O Bit2 of I/O port 3
P33
I/O Bit3 of I/O port 3
VDD
I
Positive power supply
OSC
I
Oscillation component connection pin
TEST
I
For testing only
GND
I
Negative power supply
VO
O
D/A current output


Similar Part No. - SN67013

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN67010 SONIX-SN67010 Datasheet
102Kb / 4P
Speech Controller
SN67012 SONIX-SN67012 Datasheet
103Kb / 5P
Speech Controller
SN67016 SONIX-SN67016 Datasheet
103Kb / 5P
Speech Controller
SN67018 SONIX-SN67018 Datasheet
103Kb / 4P
Speech Controller
More results

Similar Description - SN67013

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN67007 SONIX-SN67007 Datasheet
101Kb / 5P
Speech Controller
SN67025 SONIX-SN67025 Datasheet
103Kb / 4P
Speech Controller
SN67040 SONIX-SN67040 Datasheet
103Kb / 5P
Speech Controller
SN67061 SONIX-SN67061 Datasheet
102Kb / 4P
Speech Controller
SN67120 SONIX-SN67120 Datasheet
103Kb / 5P
Speech Controller
SN68009 SONIX-SN68009 Datasheet
104Kb / 5P
Speech Controller
SN68020 SONIX-SN68020 Datasheet
104Kb / 5P
Speech Controller
SN68030 SONIX-SN68030 Datasheet
104Kb / 5P
Speech Controller
SN68060 SONIX-SN68060 Datasheet
103Kb / 5P
Speech Controller
SN68340 SONIX-SN68340 Datasheet
104Kb / 5P
Speech Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com