Electronic Components Datasheet Search
  English  ▼

X  

LM3447MT/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3447MT/NOPB
Description  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3447MT/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3447MT/NOPB Datasheet HTML 4Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 5Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 6Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 7Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 8Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 9Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 10Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 11Page - Texas Instruments LM3447MT/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
14.4
14.45
14.5
14.55
14.6
14.65
14.7
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
G012
1.746
1.747
1.748
1.749
1.75
1.751
1.752
1.753
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
G013
0.996
0.997
0.998
0.999
1.000
1.001
1.002
1.003
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
G010
1.746
1.747
1.748
1.749
1.75
1.751
1.752
1.753
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
G011
12
13
14
15
16
17
18
19
20
−40 −25 −10
5
20
35
50
65
80
95
110 125
BIAS High
BIAS Low
Temperature (°C)
G008
274.2
274.4
274.6
274.8
275
275.2
275.4
275.6
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
G009
LM3447
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Unless otherwise stated, –40°C
≤ TA = TJ ≤ +125°C, VVCC = 14 V, VTSNS = 1.75V, VFLT2 = 1.75V, VAUX = 0.5V, VINV = 0V,
IVAC = 100 μA, IBIAS = 100μA, CVCC = 10 μF, CCOMP = 0.047 μF
Figure 7. BIAS Clamp Voltage vs.
Figure 8. Current Limit Threshold vs.
Junction Temperature
Junction Temperature
Figure 9. VREF vs. Junction Temperature
Figure 10. AUX OVP vs. Junction Temperature
Figure 11. Oscillator Period vs.
Figure 12. TSNS Open Circuit Voltage vs.
Junction Temperature
Junction Temperature
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LM3447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com