Electronic Components Datasheet Search
  English  ▼

X  

B41690 Datasheet(PDF) 7 Page - EPCOS

Part # B41690
Description  Aluminum electrolytic capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41690 Datasheet(HTML) 7 Page - EPCOS

Back Button B41690 Datasheet HTML 3Page - EPCOS B41690 Datasheet HTML 4Page - EPCOS B41690 Datasheet HTML 5Page - EPCOS B41690 Datasheet HTML 6Page - EPCOS B41690 Datasheet HTML 7Page - EPCOS B41690 Datasheet HTML 8Page - EPCOS B41690 Datasheet HTML 9Page - EPCOS B41690 Datasheet HTML 10Page - EPCOS B41690 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Case dimensions and ordering codes
VR
V DC
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
Ordering code
Axial pallet
Ordering code
Axial reel
Ordering code
Soldering star
25
1200
12
× 30
B41690A5128Q007 B41690A5128Q009 B41790A5128Q000
2000
14
× 30
B41690A5208Q007 B41690A5208Q009 B41790A5208Q000
2900
16
× 30
B41690A5298Q007 B41690A5298Q009 B41790A5298Q000
3900
18
× 30
B41690A5398Q007
B41790A5398Q000
4300
16
× 39
B41690A5438Q007 B41690A5438Q009 B41790A5438Q000
5000
20
× 29
B41690A5508Q007
5800
18
× 39
B41690A5588Q007
B41790A5588Q000
8000
21
× 39
B41690A5808Q007
B41790A5808Q000
10000
21
× 49
B41690A5109Q007
B41790A5109Q000
35
1000
14
× 25
B41690A7108Q007 B41690A7108Q009 B41790A7108Q000
1400
16
× 25
B41690A7148Q007 B41690A7148Q009 B41790A7148Q000
1900
16
× 30
B41690A7198Q007 B41690A7198Q009 B41790A7198Q000
2500
18
× 30
B41690A7258Q007
B41790A7258Q000
3000
20
× 29
B41690A7308Q007
3800
18
× 39
B41690A7388Q007
B41790A7388Q000
5200
21
× 39
B41690A7528Q007
B41790A7528Q000
7000
21
× 49
B41690A7708Q007
B41790A7708Q000
40
600
12
× 30
B41690A7607Q007 B41690A7607Q009 B41790A7607Q000
1000
14
× 30
B41690B7108Q007 B41690B7108Q009 B41790B7108Q000
1400
16
× 30
B41690B7148Q007 B41690B7148Q009 B41790B7148Q000
1800
18
× 30
B41690A7188Q007
B41790A7188Q000
2300
20
× 29
B41690A7238Q007
2700
18
× 39
B41690A7278Q007
B41790A7278Q000
3900
21
× 39
B41690A7398Q007
B41790A7398Q000
5200
21
× 49
B41690B7528Q007
B41790B7528Q000
63
300
12
× 30
B41690A8307Q007 B41690A8307Q009 B41790A8307Q000
470
14
× 30
B41690A8477Q007 B41690A8477Q009 B41790A8477Q000
680
16
× 30
B41690A8687Q007 B41690A8687Q009 B41790A8687Q000
1000
16
× 39
B41690A8108Q007 B41690A8108Q009 B41790A8108Q000
1300
18
× 39
B41690A8138Q007
B41790A8138Q000
2000
21
× 39
B41690A8208Q007
B41790A8208Q000
2500
21
× 49
B41690A8258Q007
B41790A8258Q000
B41690, B41790
Ultra compact
up to 140
°C
Page 7 of 17
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com