Electronic Components Datasheet Search
  English  ▼

X  

SN67D07 Datasheet(PDF) 1 Page - SONiX Technology Company

Part # SN67D07
Description  One Channel Direct Drive Speech Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN67D07 Datasheet(HTML) 1 Page - SONiX Technology Company

  SN67D07 Datasheet HTML 1Page - SONiX Technology Company SN67D07 Datasheet HTML 2Page - SONiX Technology Company SN67D07 Datasheet HTML 3Page - SONiX Technology Company SN67D07 Datasheet HTML 4Page - SONiX Technology Company SN67D07 Datasheet HTML 5Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN67d07
One Channel Direct Drive Speech Controller
Preliminary
October 11, 2001
1
INTRODUCTION
SN67d07 Series is a 7 seconds one-channel single chip voice synthesizer IC
which contains a PWM Direct Drive Circuit. There are two IO pins (one input,
one IO), which can be configured as two trigger pins, or one trigger and one
output.
By filling a coding form, users’ applications, including section
combination, trigger modes, and different output status, can be easily
implemented.
FEATURES
Single power supply 2.4V – 5.1V
7 seconds voice capacity is provided
1-bit input port (P1) and 1-bit I/O port (P2) are provided
16*1 bits RAM are provided
Built in a high quality speech synthesizer
Two different playing rate, 6KHz and 8KHz.
Built in a PWM Direct Drive circuit output BUO1 and BUO2 directly
connected to Speaker for sound output
System clock: 2MHZ
Low Voltage Reset
PIN ASSIGNMENT
Symbol
I/O
Function Description
P1
I
Input port
P2
I/O I/O port
VDD
I
Positive power supply
OSC
I
Oscillation component connection pin
GND
I
Negative power supply
BUO1
O
PWM output 1
BUO2
O
PWM output 2


Similar Part No. - SN67D07

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN67D07B SONIX-SN67D07B Datasheet
217Kb / 5P
One Channel Direct Drive Speech Controller
More results

Similar Description - SN67D07

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN65020 SONIX-SN65020 Datasheet
130Kb / 5P
One Channel Direct Drive Speech Controller
SNC104 SONIX-SNC104 Datasheet
341Kb / 10P
One Channel Direct Drive Speech Controller?
SNC106 SONIX-SNC106 Datasheet
321Kb / 10P
One Channel Direct Drive Speech Controller?
SNC107 SONIX-SNC107 Datasheet
331Kb / 10P
One Channel Direct Drive Speech Controller?
SNC109 SONIX-SNC109 Datasheet
331Kb / 10P
One Channel Direct Drive Speech Controller?
SNC112 SONIX-SNC112 Datasheet
347Kb / 11P
One Channel Direct Drive Speech Controller?
SNC10A SONIX-SNC10A_05 Datasheet
340Kb / 11P
One Channel Direct Drive Speech Controller
SNC10C SONIX-SNC10C_05 Datasheet
329Kb / 11P
One Channel Direct Drive Speech Controller
SNC10D SONIX-SNC10D_05 Datasheet
336Kb / 11P
One Channel Direct Drive Speech Controller
SNC107 SONIX-SNC107_05 Datasheet
334Kb / 11P
One Channel Direct Drive Speech Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com