Electronic Components Datasheet Search
  English  ▼

X  

B41693 Datasheet(PDF) 7 Page - EPCOS

Part # B41693
Description  Aluminum electrolytic capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41693 Datasheet(HTML) 7 Page - EPCOS

Back Button B41693 Datasheet HTML 3Page - EPCOS B41693 Datasheet HTML 4Page - EPCOS B41693 Datasheet HTML 5Page - EPCOS B41693 Datasheet HTML 6Page - EPCOS B41693 Datasheet HTML 7Page - EPCOS B41693 Datasheet HTML 8Page - EPCOS B41693 Datasheet HTML 9Page - EPCOS B41693 Datasheet HTML 10Page - EPCOS B41693 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Case dimensions and ordering codes
VR
V DC
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
Ordering code
Axial pallet
Ordering code
Axial reel
Ordering code
Soldering star
∇ Variant with different case dimensions
25
470
14
× 25
B41693A5477Q007 B41693A5477Q009 B41793A5477Q000
1000
16
× 30
B41693A5108Q007 B41693A5108Q009 B41793A5108Q000
1500
16
× 39
B41693A5158Q007
B41793A5158Q000
1800
20
× 29
B41693A5188Q007
2000
18
× 39
B41693A5208Q007
B41793A5208Q000
3000
21
× 39
B41693A5308Q007
B41793A5308Q000
4000
21
× 49
B41693A5408Q007
B41793A5408Q000
40
330
12
× 30
B41693A7337Q007 B41693A7337Q009 B41793A7337Q000
470
14
× 30
B41693A7477Q007 B41693A7477Q009 B41793A7477Q000
680
16
× 30
B41693A7687Q007 B41693A7687Q009 B41793A7687Q000
1000
16
× 39
B41693B7108Q007
B41793B7108Q000
1000
∇
18
× 30
B41693A7108Q007
B41793A7108Q000
1200
20
× 29
B41693A7128Q007
1500
18
× 39
B41693A7158Q007
B41793A7158Q000
2200
21
× 39
B41693A7228Q007
B41793A7228Q000
2700
21
× 49
B41693A7278Q007
B41793A7278Q000
63
100
12
× 30
B41693A8107Q007 B41693A8107Q009 B41793A8107Q000
220
14
× 30
B41693A8227Q007 B41693A8227Q009 B41793A8227Q000
330
16
× 30
B41693A8337Q007 B41693A8337Q009 B41793A8337Q000
470
16
× 39
B41693A8477Q007
B41793A8477Q000
560
20
× 29
B41693A8567Q007
680
18
× 39
B41693A8687Q007
B41793A8687Q000
1000
21
× 39
B41693A8108Q007
B41793A8108Q000
1200
21
× 49
B41693A8128Q007
B41793A8128Q000
75
100
12
× 30
B41693A0107Q007 B41693A0107Q009 B41793A0107Q000
220
16
× 30
B41693A0227Q007 B41693A0227Q009 B41793A0227Q000
470
18
× 39
B41693A0477Q007
B41793A0477Q000
470
∇
20
× 29
B41693B0477Q007
680
21
× 39
B41693A0687Q007
B41793A0687Q000
1000
21
× 49
B41693A0108Q007
B41793A0108Q000
100
100
12
× 30
B41693B9107Q007 B41693B9107Q009 B41793B9107Q000
150
14
× 30
B41693B9157Q007 B41693B9157Q009 B41793B9157Q000
220
16
× 30
B41693A9227Q007 B41693A9227Q009 B41793A9227Q000
470
18
× 39
B41693A9477Q007
B41793A9477Q000
470
20
× 29
B41693B9477Q007
680
21
× 39
B41693A9687Q007
B41793A9687Q000
1000
21
× 49
B41693A9108Q007
B41793A9108Q000
B41693, B41793
Up to 150
°C
Page 7 of 17
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com