Electronic Components Datasheet Search
  English  ▼

X  

B41696 Datasheet(PDF) 7 Page - EPCOS

Part # B41696
Description  Aluminum electrolytic capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41696 Datasheet(HTML) 7 Page - EPCOS

Back Button B41696 Datasheet HTML 3Page - EPCOS B41696 Datasheet HTML 4Page - EPCOS B41696 Datasheet HTML 5Page - EPCOS B41696 Datasheet HTML 6Page - EPCOS B41696 Datasheet HTML 7Page - EPCOS B41696 Datasheet HTML 8Page - EPCOS B41696 Datasheet HTML 9Page - EPCOS B41696 Datasheet HTML 10Page - EPCOS B41696 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Case dimensions and ordering codes
VR
V DC
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
Ordering code
Axial pallet
Ordering code
Axial reel
Ordering code
Soldering star
∇ Variant with different case dimensions
25
680
12
× 30
B41696A5687Q007 B41696A5687Q009 B41796A5687Q000
1000
14
× 25
B41696A5108Q007 B41696A5108Q009 B41796A5108Q000
1500
16
× 30
B41696A5158Q007 B41696A5158Q009 B41796A5158Q000
2200
18
× 30
B41696B5228Q007
B41796B5228Q000
3300
18
× 39
B41696B5338Q007
B41796B5338Q000
3300
∇
20
× 29
B41696C5338Q007
5000
21
× 39
B41696A5508Q007
B41796A5508Q000
6800
21
× 49
B41696A5688Q007
B41796A5688Q000
40
470
12
× 30
B41696A7477Q007 B41696A7477Q009 B41796A7477Q000
680
14
× 30
B41696A7687Q007 B41696A7687Q009 B41796A7687Q000
1000
16
× 30
B41696A7108Q007 B41696A7108Q009 B41796A7108Q000
1500
16
× 39
B41696A7158Q007
B41796A7158Q000
1500
∇
18
× 30
B41696B7158Q007
B41796B7158Q000
2200
18
× 39
B41696B7228Q007
B41796B7228Q000
2200
∇
20
× 29
B41696C7228Q007
3300
21
× 39
B41696A7338Q007
B41796A7338Q000
4400
21
× 49
B41696A7448Q007
B41796A7448Q000
B41696, B41796
Low ESR, compact
125
°C
Page 7 of 16
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com