Electronic Components Datasheet Search
  English  ▼

X  

B43699 Datasheet(PDF) 5 Page - EPCOS

Part # B43699
Description  Aluminum electrolytic capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43699 Datasheet(HTML) 5 Page - EPCOS

  B43699 Datasheet HTML 1Page - EPCOS B43699 Datasheet HTML 2Page - EPCOS B43699 Datasheet HTML 3Page - EPCOS B43699 Datasheet HTML 4Page - EPCOS B43699 Datasheet HTML 5Page - EPCOS B43699 Datasheet HTML 6Page - EPCOS B43699 Datasheet HTML 7Page - EPCOS B43699 Datasheet HTML 8Page - EPCOS B43699 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Case dimensions and ordering codes
VR
V DC
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
Ordering code
Bulk
Ordering code
Pallet package
Ordering code
Reel
∇ Variant with different case dimensions
450
10
12
× 30
B43699B5106Q000 B43699B5106Q007 B43699B5106Q009
15
12
× 39
B43699B5156Q000 B43699B5156Q007
15
∇
14
× 30
B43699C5156Q000 B43699C5156Q007 B43699C5156Q009
22
13.3
× 39
B43699B5226Q000 B43699B5226Q007
22
∇
16
× 30
B43699C5226Q000 B43699C5226Q007 B43699C5226Q009
33
16
× 39
B43699B5336Q000 B43699B5336Q007
33
∇
18
× 30
B43699C5336Q000 B43699C5336Q007
47
18
× 39
B43699B5476Q000 B43699B5476Q007
Technical data
CR
100 Hz
20
°C
µF
ESRtyp
100 Hz
20
°C
Ω
ESRmax
100 Hz
20
°C
Ω
ESRmax
100 Hz
25
°C
Ω
ESRmax
10 kHz
20
°C
Ω
Zmax
100 kHz
20
°C
Ω
IAC,max
10 kHz
60
°C
A
IAC,max
10 kHz
85
°C
A
IAC,R
10 kHz
105
°C
A
∇ Variant with different case dimensions
VR = 450 V DC
10
6.1
10.1
200
4.7
4.6
1.15
0.94
0.49
15
4.1
6.8
130
3.1
3.0
1.60
1.31
0.69
15
∇
4.1
6.8
130
3.1
3.0
1.51
1.23
0.65
22
2.8
4.6
90
2.2
2.0
2.03
1.66
0.87
22
∇
2.8
4.6
90
2.2
2.0
1.94
1.58
0.83
33
1.9
3.1
60
1.4
1.3
2.70
2.20
1.16
33
∇
1.9
3.1
60
1.4
1.3
2.47
2.01
1.06
47
1.3
2.1
40
1.1
1.0
3.35
2.73
1.44
B43699
High performance, compact
105
°C
Page 5 of 13
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com