Electronic Components Datasheet Search
  English  ▼

X  

B41692 Datasheet(PDF) 8 Page - EPCOS

Part # B41692
Description  Aluminum electrolytic capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41692 Datasheet(HTML) 8 Page - EPCOS

Back Button B41692 Datasheet HTML 4Page - EPCOS B41692 Datasheet HTML 5Page - EPCOS B41692 Datasheet HTML 6Page - EPCOS B41692 Datasheet HTML 7Page - EPCOS B41692 Datasheet HTML 8Page - EPCOS B41692 Datasheet HTML 9Page - EPCOS B41692 Datasheet HTML 10Page - EPCOS B41692 Datasheet HTML 11Page - EPCOS B41692 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Technical data
CR
100 Hz
20
°C
µF
ESRtyp
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
40
°C
m
Ω
ESRmax
10 kHz
20
°C
m
Ω
Zmax
100 kHz
20
°C
m
Ω
IAC,max
10 kHz
85
°C
A
IAC,max
10 kHz
105
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
140
°C
A
∇ Variant with different case dimensions
VR = 25 V DC
680
150
250
1600
165
155
4.5
3.8
2.85
1.95
1.25
1000
100
170
1200
120
112
4.8
4.1
3.1
2.1
1.4
1500
70
120
800
82
77
6.2
5.3
4.0
2.75
1.8
2200
50
82
550
55
50
9.2
7.9
5.9
4.05
2.6
2200
∇
48
79
550
52
48
9.1
7.8
5.8
4.0
2.6
3300
32
53
360
35
33
12.7
10.8
8.1
5.5
3.6
3300
∇
33
55
360
38
36
10.6
9.1
6.8
4.6
3.0
5000
22
37
240
27
27
15.0
12.9
9.6
6.6
4.3
6800
17
28
180
20
20
19.0
16.3
12.1
8.3
5.4
VR = 40 V DC
470
145
240
1400
135
128
4.9
4.2
3.1
2.15
1.4
680
105
170
1000
95
90
6.0
5.1
3.8
2.6
1.7
1000
73
120
660
70
67
6.9
5.9
4.4
3.0
2.0
1500
49
80
450
50
48
9.6
8.2
6.1
4.2
2.7
1500
∇
46
77
450
45
43
9.7
8.3
6.1
4.2
2.7
2200
32
53
300
30
29
13.3
11.4
8.5
5.8
3.8
2200
∇
34
55
300
33
32
10.9
9.3
6.9
4.8
3.1
3300
23
39
200
23
23
15.4
13.1
9.8
6.7
4.4
4400
18
30
160
18
18
19.4
16.6
12.3
8.5
5.5
VR = 63 V DC
220
210
350
1600
145
138
4.7
4.0
3.0
2.05
1.35
330
140
240
1100
100
95
5.9
5.0
3.7
2.55
1.7
470
105
170
750
75
72
6.8
5.8
4.3
3.0
2.0
680
71
120
500
55
53
9.4
8.0
6.0
4.1
2.7
680
∇
69
114
500
50
48
9.4
8.0
6.0
4.1
2.7
1000
50
78
350
35
34
13.0
11.1
8.2
5.7
3.7
1100
48
75
330
36
35
10.9
9.3
6.9
4.8
3.1
1800
30
47
220
23
23
15.5
13.2
9.8
6.7
4.4
2200
25
38
175
19
19
19.3
16.5
12.3
8.5
5.5
B41692, B41792
Long useful life, compact
up to 140
°C
Page 8 of 17
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com