Electronic Components Datasheet Search
  English  ▼

X  

FR2AF Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # FR2AF
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

FR2AF Datasheet(HTML) 1 Page - Pan Jit International Inc.

  FR2AF Datasheet HTML 1Page - Pan Jit International Inc. FR2AF Datasheet HTML 2Page - Pan Jit International Inc. FR2AF Datasheet HTML 3Page - Pan Jit International Inc. FR2AF Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
April 30,2012-REV.00
FR2AF SERIES
NOTES : 1. Mounted on an FR4 PCB, single-sided copper, with 48cm2 copper pad area.
2. Mounted on an FR4 PCB, single-sided copper, mini pad.
FEATURES
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• Fast Recovery times for high efficiency
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• Glass passivated junction
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std
MECHANICAL DATA
• Case: SMBF molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Approx. Weight: 0.0018 ounce, 0.05 grams
• Polarity: Color band denotes cathode end
SURFACE MOUNT FAST RECOVERY RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
VOLTAGE
50 to 600 Volts
CURRENT
2.0 Ampere
PARA ME TER
SYMB OL FR2 AF F R2B F F R2D F
FR2 GF
F R2JF UNITS
Ma xi mum Recurre nt Pe a k Re ve rse Vo ltag e
V
RRM
50
100
200
400
600
V
Ma xi mum RMS Voltag e
V
RMS
3 5
7 0
14 0
2 80
42 0
V
Ma xi mum D C B lo cki ng Vo lta ge
V
DC
50
100
200
400
600
V
Maxi mum A verage Forward Recti fi ed C urrent
I
F(AV )
2.0
A
P ea k F orward Surg e C urrent :8 .3ms si ngle half si ne-wave
superi mposed on rated load(JE D EC method)per di ode
I
FSM
50
A
Ma xi mum Fo rward Vo lta ge at 2 A
V
F
1.3
V
Ma xi mum D C Reve rse C urrent T
J=2 5
O
CI
R
1.0
μA
Typ i cal Juncti o n C a pa ci ta nce (V R=4V f=1MHZ)
C
J
24
14
pF
Typ i cal Therma l Resi stance
(Note 1)
(Note 2)
R
θJL
R
θJA
20
13 5
O
C / W
Ma xi mum Reve rse Reco very Ti me
T
rr
15 0
250
nS
Operati ng Juncti on and S torage Temperature Range
T
J ,TSTG
-5 5 to +1 50
O
C
0.048(1.20)
0.031(0.80)
0.044(1.10)
0.035(0.90)
0.178(4.50)
0.161(4.10)
0.217(5.50)
0.200(5.10)
0.048(1.20)
0.031(0.80)


Similar Part No. - FR2AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FR2AF ETC2-FR2AF Datasheet
564Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microdiode Semiconducto...
FR2AF CHENDA-FR2AF Datasheet
667Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
FR2AF SUNMATE-FR2AF Datasheet
306Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR2AFL SUNMATE-FR2AFL Datasheet
297Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - FR2AF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
FR3A-K SMC-FR3A-K Datasheet
172Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com