Electronic Components Datasheet Search
  English  ▼

X  

FR2JF Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # FR2JF
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

FR2JF Datasheet(HTML) 2 Page - Pan Jit International Inc.

  FR2JF Datasheet HTML 1Page - Pan Jit International Inc. FR2JF Datasheet HTML 2Page - Pan Jit International Inc. FR2JF Datasheet HTML 3Page - Pan Jit International Inc. FR2JF Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
April 30,2012-REV.00
FR2AF SERIES
0
0.5
1
1.5
2
2.5
3
0
25
50
75
100
125
150
T
C, Case Temperature (°C)
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
1000
0.1
1
10
100
V
R, Reverse Bias Voltage (V)
FR2AF~FR2GF
FR2JF
Fig.5 Typical Forward Characteristics
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
V
F, Forward Voltage (V)
FR2AF~FR2GF
T
J = 125°C
T
J = 150°C
T
J = 25°C
T
J = 75°C
Fig.6 Typical Forward Characteristics
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V
F, Forward Voltage (V)
FR2JF
T
J = 125°C
T
J = 150°C
T
J = 25°C
T
J = 75°C
Fig.4 Typical Reverse Characteristics
1.00
10.00
100.00
1000.00
10000.00
100000.00
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 125°C
FR1JF
T
J = 25°C
T
J = 75°C
T
J = 150°C
Fig.3 Typical Reverse Characteristics
1
10
100
1000
10000
100000
40
100
160
220
280
340
400
V
R , Peak Reverse Voltage (V)
T
J = 125°C
T
J = 25°C
T
J = 75°C
T
J = 150°C
FR2AF~FR2GF
RATING AND CHARACTERISTIC CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com