Electronic Components Datasheet Search
  English  ▼

X  

US1AF Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # US1AF
Description  SURFACE MOUNT ULTRA FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

US1AF Datasheet(HTML) 1 Page - Pan Jit International Inc.

  US1AF Datasheet HTML 1Page - Pan Jit International Inc. US1AF Datasheet HTML 2Page - Pan Jit International Inc. US1AF Datasheet HTML 3Page - Pan Jit International Inc. US1AF Datasheet HTML 4Page - Pan Jit International Inc. US1AF Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
April 18,2012-REV.00
US1AF SERIES
FEATURES
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• Ultrafast recovery times for high efficiency
• Plastic package has Underwriters Laboratory Flammability Classification
94V-O
• Glass passivated junction
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SMAF molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity : Color band denotes cathode end
• Approx. Weight:0.0011 ounces, 0.0328 grams
SURFACE MOUNT ULTRA FAST RECTIFIER
VOLTAGE
50-600 Volts
1 Ampere
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
1
2
Cathode
Anode
NOT ES :
1. Mounted on an FR4 PCB, single-sided copper, with 48cm 2 copper pad area
2. Mounted on an FR4 PCB, single-sided copper, mini pad.
PAR AM E T E R
S YM B OL
U S 1 AF
U S 1 B F
U S 1 D F
U S 1 GF
U S 1 J F
U N IT S
Re c ur r e nt P e a k Re ve r s e Vo l ta g e
V
RRM
5 0
1 0 0
2 0 0
4 0 0
6 0 0
V
RMS Vo lta g e
V
RM S
3 5
7 0
1 4 0
2 8 0
4 2 0
V
D C B l o c k i ng Vo lt a g e
V
R
5 0
1 0 0
2 0 0
4 0 0
6 0 0
V
A ve r a g e F o r wa r d C ur r e nt
I
F ( AV )
1
A
P e a k F o r wa r d S ur g e C ur r e nt : 8 .3 m s s i ng le ha lf s i ne - wa ve
s up e r i mp o s e d o n r a te d l o a d ( J E D E C m e tho d )
I
F S M
30
A
F o r wa r d Vo lt a g e a t 1 . 0 A
V
F
1 .0
1 . 4
1 .7
V
D C Re ve r s e C ur r e nt a t Ra t e d
D C B l o c k i ng Vo lt a g e
T
J = 2 5
OC
I
R
1 .0
 A
Typ i c a l J unc ti o n c a p a c i ta nc e
V R= 4 V,f =1 M HZ
C
J
2 0
1 5
1 0
p F
Typ i c a l The r ma l Re s i s ta nc e , J unc ti o n to L e a d ( No te 1 )
J unc ti o n to A m b i e nt ( No te 2 )
R
 J L
R
 J A
1 9
1 5 0
OC / W
Re ve r s e Re c o ve r y Ti me ( I
F = 0 . 5 A , IR= 1 . 0 A , Ir r = 0 . 2 5 A )
T
r r
5 0
1 0 0
ns
Op e r a ti n g J unc t i o n Te mp e r a tur e a n d S to r a g e Te mp e r a tur e Ra ng e
T
J , TS TG
- 5 5 t o + 1 5 0
OC


Similar Part No. - US1AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
US1AF ETC2-US1AF Datasheet
525Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Guangdong Kexin Industr...
US1AF KEXIN-US1AF Datasheet
1Mb / 3P
Ultra Fast Recovery Diodes
logo
YENYO TECHNOLOGY Co., L...
US1AF YENYO-US1AF Datasheet
333Kb / 3P
1.0A Ultra Fast Recovery Rectifier
logo
Microdiode Semiconducto...
US1AF CHENDA-US1AF Datasheet
627Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US1AF YFWDIODE-US1AF Datasheet
127Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
More results

Similar Description - US1AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UF2AF ETC2-UF2AF Datasheet
549Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
US1AF ETC2-US1AF Datasheet
525Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
UF1A HOTTECH-UF1A Datasheet
220Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A_13 Datasheet
428Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Microdiode Semiconducto...
US2ABF CHENDA-US2ABF_V01 Datasheet
847Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
US3AB CHENDA-US3AB Datasheet
747Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
US3ABF CHENDA-US3ABF_V01 Datasheet
1Mb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Unisonic Technologies
US1D UTC-US1D Datasheet
141Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com