Electronic Components Datasheet Search
  English  ▼

X  

ER2AF Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # ER2AF
Description  SURFACE MOUNT SUPERFAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER2AF Datasheet(HTML) 1 Page - Pan Jit International Inc.

  ER2AF Datasheet HTML 1Page - Pan Jit International Inc. ER2AF Datasheet HTML 2Page - Pan Jit International Inc. ER2AF Datasheet HTML 3Page - Pan Jit International Inc. ER2AF Datasheet HTML 4Page - Pan Jit International Inc. ER2AF Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
May 11,2012-REV.00
ER2AF SERIES
FEATURES
• For surface mounted applications
• High temperature metallurgically bonded-no compression
• Built-in strain relief
• Easy pick and place
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• Glass passivated junction
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SMBF molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Approx. Weight: 0.0018 ounces, 0.05 grams
• Polarity : Color band denotes cathode end
SURFACE MOUNT SUPERFAST RECTIFIER
VOLTAGE
50-600 Volts
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
PAR AME T E R
S YM B OL
E R 2 AF E R 2 B F E R 2 C F E R 2D F E R 2 E F E R 2 GF
E R 2 JF
U N IT S
Re c urr e nt P e ak Rever s e Volta g e
V
RRM
50
1 00
15 0
20 0
3 0 0
4 00
60 0
V
RM S Voltag e
V
R MS
35
7 0
10 5
1 40
2 1 0
2 80
42 0
V
D C B lo c k i ng Vo lta ge
V
R
50
1 00
15 0
20 0
3 0 0
4 00
60 0
V
A ve ra ge F o rwar d C ur re nt
I
F(AV)
2 .0
A
P e a k F or wa rd S urg e C ur re nt : 8 .3m s s i ng le half s i ne- wa ve
s upe ri m po s ed o n ra ted lo a d( J E D E C me thod )
I
F SM
50
A
F o rwar d Vo lta ge a t 2.0 A
V
F
0.9 5
1.2 5
1 .7
V
D C Rever s e C ur re nt a t Ra ted
D C B lo c k i ng Vo lta ge
T
J = 2 5
OC
I
R
1
A
Typ ic a l J unc ti on c a pa c i tanc e
V R= 4V,f=1 MHZ
C
J
3 0
2 0
p F
Typ ic a l The rm al Re s i s tanc e ,J unc ti o n to L ea d (Note 1)
J unc ti on to A mb i ent ( No te 2)
R
 J L
R
 J A
18
1 35
OC / W
Re ve rs e Rec o ve ry Ti me ( I
F = 0 . 5 A , IR = 1 . 0 A , Irr= 0 . 2 5 A )
T
rr
35
ns
Ope ra ti ng J unc ti o n Te m pe ra ture and S tor ag e Tem p er atur e Rang e
T
J , T STG
-5 5 to + 15 0
OC
1
2
C ath o d e
A no d e
NOT ES :
1. Mounted on an FR4 PCB, single-sided copper, with 48cm 2 copper pad area
2. Mounted on an FR4 PCB, single-sided copper, mini pad.
2 Amperes


Similar Part No. - ER2AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ER2AF ETC2-ER2AF Datasheet
953Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ER2AF CHENDA-ER2AF Datasheet
1Mb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
SUNMATE electronic Co.,...
ER2AF SUNMATE-ER2AF Datasheet
318Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
More results

Similar Description - ER2AF

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER1A TRSYS-ER1A Datasheet
248Kb / 3P
SURFACE MOUNT SUPERFAST RECTIFIER
ER2A TRSYS-ER2A Datasheet
162Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES1AB PACELEADER-ES1AB Datasheet
133Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
ES3AC PACELEADER-ES3AC Datasheet
141Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ES1AF PANJIT-ES1AF Datasheet
269Kb / 4P
SURFACE MOUNT SUPERFAST RECTIFIER
ER1AF PANJIT-ER1AF Datasheet
369Kb / 6P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES2A PACELEADER-ES2A Datasheet
146Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ES1DF-AU PANJIT-ES1DF-AU Datasheet
115Kb / 5P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES2A YIXIN-ES2A_08 Datasheet
226Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
First Silicon Co., Ltd
ES1AF FS-ES1AF Datasheet
405Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com