Electronic Components Datasheet Search
  English  ▼

X  

MS120F Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MS120F
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MS120F Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MS120F Datasheet HTML 1Page - Pan Jit International Inc. MS120F Datasheet HTML 2Page - Pan Jit International Inc. MS120F Datasheet HTML 3Page - Pan Jit International Inc. MS120F Datasheet HTML 4Page - Pan Jit International Inc. MS120F Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
May 2,2012-REV.01
MS18F SERIES
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE
80-200 Volts
1 Ampere
FEATURES
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Metal to silicon rectifier. majority carrier conduction
• Low power loss,high efficiency
• High surge capacity
• High current capacity ,low V
F
• For use in low voltage high frequency inverters, free wheeling,
and polarity protection applications
• Lead free in comply with EU RoHS 2002/95/EC directives
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
Case : SMAF, Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.0011 ounces, 0.0328 grams
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted)
1
2
Cathode
Anode
NOTES : 1. Mounted on an FR4 PCB, single-sided copper, mini pad.
2. Mounted on an FR4 PCB, single-sided copper, with 48cm2 copper pad area
PA RA ME TE R
S YMB OL MS 18F MS 19F MS 110F MS 115F MS 120F UNITS
Recurrent P eak Reverse Voltage
V
RRM
80
90
100
150
200
V
RMS Voltage
V
RMS
56
63
70
105
140
V
D C B locki ng Voltage
V
R
80
90
100
150
200
V
A verage F orward C urrent
I
F(AV )
1A
P eak F orward S urge C urrent : 8.3ms si ngle half si ne-wave
superi mposed on rated load (JE D E C method)
I
FS M
30
A
Forward Voltage at 1A
V
F
0.8
0.9
V
D C Revers e C urrent at Rated D C B locki ng Voltage
I
R
0.05
mA
Typi cal Juncti on C apaci tance (V R=4V,f=1MHZ)C
J
50
40
30
pF
Typi cal Thermal Resi stance ,Junc ti on to A mbi ent (Note 1)
Juncti on to Lead (Note 2)
R
Θ JA
R
ΘJL
150
19
O
C/W
Operati ng Juncti on Temperature and S torage Temperature
Range
T
J,TSTG
-55 to +150
O
C


Similar Part No. - MS120F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MS120F PANJIT-MS120F Datasheet
186Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MS120F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com