Electronic Components Datasheet Search
  English  ▼

X  

ER2002ST Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # ER2002ST
Description  ISOLATION SUPERFAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER2002ST Datasheet(HTML) 1 Page - Pan Jit International Inc.

  ER2002ST Datasheet HTML 1Page - Pan Jit International Inc. ER2002ST Datasheet HTML 2Page - Pan Jit International Inc. ER2002ST Datasheet HTML 3Page - Pan Jit International Inc. ER2002ST Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
August 3,2012-REV.00
ER2002ST
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• Super fast recovery times, high voltage.
• Epitaxial chip construction.
• Lead free in comply with EU RoHS 2002/95/EC directives
ISOLATION SUPERFAST RECOVERY RECTIFIER
NOTES:
1. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A.
2. Semi-infinite heatsink.
VOLTAGE
200 Volts
CURRENT
20 Amperes
MECHANICAL DATA
• Case: TO-3PS Molded plastic
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.1932 ounces, 5.48 grams.
MAXIMUM RATINGAND ELECTRICALCHARACTERISTICSS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
PARAMETER
SYMBOL
VALUE
UNITS
Maximum Recurrent Peak Reverse Voltage
V
RRM
200
V
Maximum RMS Voltage
V
RMS
140
V
Maximum DC Blocking Voltage
V
DC
200
V
Maximum Average Forward Current
per device
per diode
I
F(AV)
20
10
A
Peak Forward Surge Current : 8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
per diode
I
FSM
150
A
Maximum Forward Voltage at 10A
per diode
V
F
1V
Maximum DC Reverse Current at Rated DC Blocking Voltage
per diode
I
R
10
μA
Maximum Reverse Recovery Time (Note 1)
t
rr
25
ns
Typical Thermal Resistance (Note 2)
per diode
Rθ
JC
2
OC / W
Operating Junction and Storage Temperature Range
T
J,TSTG
-55 to +150
OC
0.615(15.60)MAX.
0.520(13.20)
0.504(12.80)
0.402(10.20)
0.385(9.80)
0.071(1.80)
0.055(1.40)
0.095(2.40)
0.078(2.00)
0.050(1.25)
0.037(0.95)
0.223(5.65)
0.206(5.25)
0.223(5.65)
0.206(5.25)
0.118(3.0)
MIN.
0.599(15.20)
0.582(14.80)
0.185(4.70)
0.169(4.30)
0.103(2.60)
0.090(2.30)
0.025(0.62)
0.014(0.38)


Similar Part No. - ER2002ST

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER2002CT PANJIT-ER2002CT Datasheet
87Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIER
logo
Nanjing International G...
ER2002CT DGNJDZ-ER2002CT Datasheet
129Kb / 2P
GLASS PASSIVATED SUPER FAST RECITIFIER
logo
Pan Jit International I...
ER2002FCT PANJIT-ER2002FCT Datasheet
97Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIER
More results

Similar Description - ER2002ST

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER1000F TRSYS-ER1000F Datasheet
149Kb / 3P
ISOLATION SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ER1000FCT PANJIT-ER1000FCT_04 Datasheet
54Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIERS
ER1600FCT PANJIT-ER1600FCT Datasheet
42Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIER
ER1000F PANJIT-ER1000F_09 Datasheet
92Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIERS
ER1600CT PANJIT-ER1600CT_09 Datasheet
86Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIER
ER1600FCT PANJIT-ER1600FCT_09 Datasheet
93Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIER
ER1604DY PANJIT-ER1604DY Datasheet
105Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIER
ER2000CT PANJIT-ER2000CT Datasheet
87Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIER
ER2000FCT PANJIT-ER2000FCT Datasheet
97Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIER
ER3002PT PANJIT-ER3002PT Datasheet
72Kb / 4P
ISOLATION SUPERFAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com