Electronic Components Datasheet Search
  English  ▼

X  

SN6A511 Datasheet(PDF) 1 Page - SONiX Technology Company

Part # SN6A511
Description  LCD Controller with Voice/Dual Tone Melody
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN6A511 Datasheet(HTML) 1 Page - SONiX Technology Company

  SN6A511 Datasheet HTML 1Page - SONiX Technology Company SN6A511 Datasheet HTML 2Page - SONiX Technology Company SN6A511 Datasheet HTML 3Page - SONiX Technology Company SN6A511 Datasheet HTML 4Page - SONiX Technology Company SN6A511 Datasheet HTML 5Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN6A511
LCD Controller with Voice/Dual Tone Melody
February 1, 2001
1
INTRODUCTION
SN6A511 is a series of single chip voice/dual tone melody synthesizer IC with
16*64/8*64 LCD direct drive capability which contains two 4-bit I/O ports, two
optional 4-bit output ports and a tiny controller. By programming through the tiny
controller, user’s application including LCD display, section combination, trigger
modes, output status, voice/melody playing and other logic functions and then
be easily implemented.
FEATURES
♦ Single power supply 2.4V – 5.1V
♦ Built in a tiny controller
♦ Two 4-bit I/O ports, two optional 4-bit output ports are provided
♦ 256*4 bits RAM for programming usage are provided
♦ 256*4 bits RAM for LCD display usage are provided
♦ Maximum 384k*10 program ROM is provided
♦ Readable ROM code data
♦ Built in direct 16*64/8*64 LCD driver
♦ LCD 1/4 bias, 1/5 bias; 1/8 duty, 1/16 duty
♦ Built in a high quality speech synthesizer
♦ Adaptive playing speed from 2.5k-40kHz is provided
♦ Built in a dual tone melody generator
♦ Speech/Dual tone melody mixer is provided which SN6A511 series can play
speech and dual tone melody simultaneously
♦ Fixed current D/A output is provided to drive external connected transistor for
sound output
♦ PWM output is provided to drive external connected piezo buzzer


Similar Part No. - SN6A511

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN6A511B SONIX-SN6A511B Datasheet
359Kb / 5P
LCD Controller with Voice/Dual Tone Melody
More results

Similar Description - SN6A511

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN69040 SONIX-SN69040 Datasheet
229Kb / 5P
LCD Controller with Voice/Dual Tone Melody
SN6A060 SONIX-SN6A060 Datasheet
123Kb / 6P
LCD Controller with Voice/Dual Tone Melody
SN6A297 SONIX-SN6A297 Datasheet
135Kb / 6P
LCD Controller with Voice/Dual Tone Melody
SN6A509 SONIX-SN6A509 Datasheet
232Kb / 5P
LCD Controller with Voice/Dual Tone Melody
SN6A512 SONIX-SN6A512 Datasheet
233Kb / 5P
LCD Controller with Voice/Dual Tone Melody
SN6A513 SONIX-SN6A513 Datasheet
191Kb / 5P
LCD Controller with Voice/Dual Tone Melody
SN6A514 SONIX-SN6A514 Datasheet
191Kb / 5P
LCD Controller with Voice/Dual Tone Melody
SN6A264 SONIX-SN6A264 Datasheet
233Kb / 5P
LCD Controller with Voice/Dual Tone Melody
SN6A510B SONIX-SN6A510B Datasheet
359Kb / 5P
LCD Controller with Voice/Dual Tone Melody
SN6A512B SONIX-SN6A512B Datasheet
360Kb / 5P
LCD Controller with Voice/Dual Tone Melody
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com