Electronic Components Datasheet Search
  English  ▼

X  

SN8P021X Datasheet(PDF) 1 Page - SONiX Technology Company

Part # SN8P021X
Description  8-bit microcontroller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P021X Datasheet(HTML) 1 Page - SONiX Technology Company

  SN8P021X Datasheet HTML 1Page - SONiX Technology Company SN8P021X Datasheet HTML 2Page - SONiX Technology Company SN8P021X Datasheet HTML 3Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SN8P021X/8P011X
SONiX TECHNOLOGY CO., LTD
Page 1
Preliminary
January 2000
SN8P021X/8P011X 8-bit microcontroller
1. GENERAL DESCRIPTION
he SN8P021X/8P011X is an 8-bit micro-controller utilized with CMOS technology fabrication and featured with low power
consumption and high performance by its unique electronic structure. This chip is designed with the excellent IC structure,
including the program memory up to 2K/1K-word OTP ROM, 64 bytes of the data memory, one 8-bit T0 basic timer, one 8-bit
timer/event counter, a watch dog timer, three interrupt sources (T0, TC0, INT0), 13 I/O pins and 8 levels stack buffer. Besides,
the user can choose desired oscillator configurations for the controller. There are three oscillator configurations to select for
generating system clock, including high-performing crystal, ceramic resonator or cost-saving RC.
2. FEATURES
♦ Memory configuration
♦ Three interrupt sources :
OTP ROM size : 2048 * 16 bits for SN8P021X series
Two internal interrupts : T0, TC0
OTP ROM size : 1024 * 16 bits for SN8P011X series
One external interrupt : INT0
RAM size : 64 * 8 bits.
♦ Eight levels stack buffer
♦ I/O pin configuration (Total 13 pins)
♦ An 8-bit basic timer.
One input port : 1 pin with wakeup function.
♦ An 8-bit timer/event counter.
Two Input/output ports : 12 pins.
♦ A watchdog timer.
♦ Acceptable oscillator type :
♦
♦
♦
♦ 56 powerful instructions
Crystal or ceramic resonator up to 8MHz
All of instructions are 1 word with 1 or 2 cycles'
execution.
RC oscillator up to 2 MHz
Execution time : 1 cycle uses 4 clocks of oscillator.
All ROM area JMP instruction.
♦
♦
♦
♦ Package :
All ROM area Subroutine CALL instruction.
PDIP : 16, 18, 20
All ROM area lookup table function. (MOVC
instruction)
SOP : 16, 18, 20
3. PIN ASSIGNMENT
P1.2
1 U 20 P1.1
P1.2
1 U 18
P1.1
P1.3
2
19 P1.0
P1.1
1 U 16 P1.0
P1.3
2
17
P1.0
INT0/P0.0
3
18 XIN
INT0/P0.0
2
15 XIN
INT0/P0.0
3
16
XIN
VPP/RST
4
17 XOUT
VPP/RST
3
14 XOUT
VPP/RST
4
15
XOUT
VSS
5
16 VDD
VSS
4
13 VDD
VSS
5
14
VDD
VSS
6
15 VDD
P2.0
5
12 P2.7
P2.0
6
13
P2.7
P2.0
7
14 P2.7
P2.1
6
11 P2.6
P2.1
7
12
P2.6
P2.1
8
13 P2.6
P2.2
7
10 P2.5
P2.2
8
11
P2.5
P2.2
9
12 P2.5
P2.3
8
9
P2.4
P2.3
9
10
P2.4
P2.3 10
11 P2.4
SN8P0211P
SN8P0212P
SN8P0213P
SN8P0211S
SN8P0212S
SN8P0213S
SN8P0111P
SN8P0112P
SN8P0113P
SN8P0111S
SN8P0112S
SN8P0113S
T


Similar Part No. - SN8P021X

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8P0403S SONIX-SN8P0403S Datasheet
989Kb / 66P
OPT ROM:4096 16bits , RAM:128 8bits
SN8P0404K SONIX-SN8P0404K Datasheet
989Kb / 66P
OPT ROM:4096 16bits , RAM:128 8bits
SN8P0406P SONIX-SN8P0406P Datasheet
989Kb / 66P
OPT ROM:4096 16bits , RAM:128 8bits
SN8P0434S SONIX-SN8P0434S Datasheet
989Kb / 66P
OPT ROM:4096 16bits , RAM:128 8bits
SN8P0443S SONIX-SN8P0443S Datasheet
989Kb / 66P
OPT ROM:4096 16bits , RAM:128 8bits
More results

Similar Description - SN8P021X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com