Electronic Components Datasheet Search
  English  ▼

X  

SN8P1602B Datasheet(PDF) 46 Page - SONiX Technology Company

Part # SN8P1602B
Description  8-Bit Micro-Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602B Datasheet(HTML) 46 Page - SONiX Technology Company

Back Button SN8P1602B Datasheet HTML 42Page - SONiX Technology Company SN8P1602B Datasheet HTML 43Page - SONiX Technology Company SN8P1602B Datasheet HTML 44Page - SONiX Technology Company SN8P1602B Datasheet HTML 45Page - SONiX Technology Company SN8P1602B Datasheet HTML 46Page - SONiX Technology Company SN8P1602B Datasheet HTML 47Page - SONiX Technology Company SN8P1602B Datasheet HTML 48Page - SONiX Technology Company SN8P1602B Datasheet HTML 49Page - SONiX Technology Company SN8P1602B Datasheet HTML 50Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
SN8P1602B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 46
Version 1.1
SYSTEM MODE SWITCHING
Switch normal/slow mode to power down (sleep) mode.
CPUM0 = 1
B0BSET
FCPUM0
; Set CPUM0 = 1.
During the sleep, only the wakeup pin and reset can wakeup the system back to the normal mode.
Switch normal mode to slow mode.
B0BSET
FCLKMD
;To set CLKMD = 1, Change the system into slow mode
B0BSET
FSTPHX
;To stop external high-speed oscillator for power saving.
Switch slow mode to normal mode (The external high-speed oscillator is still running)
B0BCLR
FCLKMD
;To set CLKMD = 0
Switch slow mode to normal mode (The external high-speed oscillator stops)
If external high clock stop and program want to switch back normal mode. It is necessary to delay at least 10mS for
external clock stable.
B0BCLR
FSTPHX
; Turn on the external high-speed oscillator.
B0MOV
Z, #27
; If VDD = 5V, internal RC=32KHz (typical) will delay
@@:
DECMS
Z
; 0.125ms X 81 = 10.125ms for external clock stable
JMP
@B
;
B0BCLR
FCLKMD
; Change the system back to the normal mode
Example: Go into Green mode and enable TC0 wakeup function.
; Set TC0 timer wakeup function.
B0BCLR
FTC0IEN
; To disable TC0 interrupt service
B0BCLR
FTC0ENB
; To disable TC0 timer
MOV
A,#20H
;
B0MOV
TC0M,A
; To set TC0 clock = Fcpu / 64
MOV
A,#74H
B0MOV
TC0C,A
; To set TC0C initial value = 74H (To set TC0 interval = 10
ms)
B0BCLR
FTC0IEN
; To disable TC0 interrupt service
B0BCLR
FTC0IRQ
; To clear TC0 interrupt request
B0BSET
FTC0ENB
; To enable TC0 timer
B0BSET
FTC0GN
; To enable TC0 wakeup function
; Go into green mode
B0BCLR
FCPUM0
;To set CPUMx = 10
B0BSET
FCPUM1
Note: If TC0ENB = 0 or TC0GN = 0, TC0 will not be able to wakeup from green mode to normal/slow mode
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com