Electronic Components Datasheet Search
  English  ▼

X  

SN761640 Datasheet(PDF) 21 Page - Texas Instruments

Part # SN761640
Description  DIGITAL TV TUNER IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN761640 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN761640 Datasheet HTML 17Page - Texas Instruments SN761640 Datasheet HTML 18Page - Texas Instruments SN761640 Datasheet HTML 19Page - Texas Instruments SN761640 Datasheet HTML 20Page - Texas Instruments SN761640 Datasheet HTML 21Page - Texas Instruments SN761640 Datasheet HTML 22Page - Texas Instruments SN761640 Datasheet HTML 23Page - Texas Instruments SN761640 Datasheet HTML 24Page - Texas Instruments SN761640 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
TYPICAL CHARACTERISTICS
Band Switch Driver Output Voltage (BS1–BS4)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8
10
12
14
16
18
20
BandSwitchCurrent – mA
V
=5.5V
CC
V
=5.0V
CC
V
=4.5V
CC
BSOUTPUTCURRENT
vs
OUTPUTVOLTAGE
S-Parameter
40MHz
500MHz
40
z
MH
500
z
MH
SN761640
www.ti.com .............................................................................................................................................................................................. SLES237 – OCTOBER 2008
Figure 33. Band Switch Driver Output Voltage
Figure 34. VLO RFIN, VHI RFIN
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): SN761640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com