Electronic Components Datasheet Search
  English  ▼

X  

SN761644 Datasheet(PDF) 21 Page - Texas Instruments

Part # SN761644
Description  DIGITAL TV TUNER IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN761644 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN761644 Datasheet HTML 17Page - Texas Instruments SN761644 Datasheet HTML 18Page - Texas Instruments SN761644 Datasheet HTML 19Page - Texas Instruments SN761644 Datasheet HTML 20Page - Texas Instruments SN761644 Datasheet HTML 21Page - Texas Instruments SN761644 Datasheet HTML 22Page - Texas Instruments SN761644 Datasheet HTML 23Page - Texas Instruments SN761644 Datasheet HTML 24Page - Texas Instruments SN761644 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8
10
12
14
16
18
20
BandSwitchCurrent – mA
V
=5.5V
CC
V
=5.0V
CC
V
=4.5V
CC
BSOUTPUTCURRENT
vs
OUTPUTVOLTAGE
-10
0
10
20
30
40
50
60
70
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IF GCA CTRL voltage [V]
Vcc=5.5V
Vcc=5.0V
Vcc=4.5V
SN761644
www.ti.com
SLES252 – NOVEMBER 2009
TYPICAL CHARACTERISTICS
Band Switch Driver Output Voltage (BS1–BS4)
Figure 33. Band Switch Driver Output Voltage
Figure 34. IF GCA Gain vs Control Voltage-1
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): SN761644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com