Electronic Components Datasheet Search
  English  ▼

X  

SN761646 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN761646
Description  DIGITAL TV TUNER IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN761646 Datasheet(HTML) 2 Page - Texas Instruments

  SN761646 Datasheet HTML 1Page - Texas Instruments SN761646 Datasheet HTML 2Page - Texas Instruments SN761646 Datasheet HTML 3Page - Texas Instruments SN761646 Datasheet HTML 4Page - Texas Instruments SN761646 Datasheet HTML 5Page - Texas Instruments SN761646 Datasheet HTML 6Page - Texas Instruments SN761646 Datasheet HTML 7Page - Texas Instruments SN761646 Datasheet HTML 8Page - Texas Instruments SN761646 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
CHARGE
PUMP
PHASE
DETECTOR
24/28/48/56/
64/96/128DIV
GENERAL PURPOSE
PORT
I2C BUS
INTERFACE
4MHz/8MHz
XTALOSC
PROGRAMMABLE
DIVIDER
UHF
MIXER
UHF
OSC
VHF-H
OSC
IF AMP
OP
AMP
SDA
SCL
UHF RF IN1
UHF RF IN2
XTAL2
VTU
CP
IF OUT
VHI RF IN
RF GND
RF AGC
DETECT
RF AGC OUT
VHF-H
MIXER
XTAL1
VCC
IF
GCA
IF GCAOUT2
IF GCAOUT1
IF GCA GND
IF GND
100k
50k
50k
SN761646
SLES251 – NOVEMBER 2009
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN761646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com