Electronic Components Datasheet Search
  English  ▼

X  

TAS5066 Datasheet(PDF) 39 Page - Texas Instruments

Part # TAS5066
Description  SIX-CHANNEL Digital Audio PWM Processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5066 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5066 Datasheet HTML 35Page - Texas Instruments TAS5066 Datasheet HTML 36Page - Texas Instruments TAS5066 Datasheet HTML 37Page - Texas Instruments TAS5066 Datasheet HTML 38Page - Texas Instruments TAS5066 Datasheet HTML 39Page - Texas Instruments TAS5066 Datasheet HTML 40Page - Texas Instruments TAS5066 Datasheet HTML 41Page - Texas Instruments TAS5066 Datasheet HTML 42Page - Texas Instruments TAS5066 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
System Procedures for Initialization, Changing Data Rates, and Switching Between Master and Slave Mode
34
SLES089—January 2004
TAS5066
< 2 ms
MCLK
RESET
ERR_RCVRY
ERR_RCVRY and MUTE can
be set at any time prior to 2 ms
following the low-to-high
transition of RESET
MUTE
Wait a minimum of 100
µs
after the low-to-high
transition of RESET
> 5 ms
Release ERR_RCVRY and
then MUTE when I2C
registers are programmed
Volume ramp
up 120 ms
Set serial interface format, data
rate, volume, ... via I2C
Figure 4−2. Extending the I2C Write Interval Following Low-to-High Transition of RESET Terminal
The operation of the TAS5066 can be tailored as desired to meet specific operating requirements by adjusting
the following:
•
Volume
•
Data sample rate
•
Emphasis/deemphasis settings
•
Individual channel mute
•
Automute delay register
•
DC-offset control registers
If desired, the TAS5066 can be set to perform an unmute sequence following the low-to-high transition of the
ERR_RCVRY terminal or the error recovery I2C command (register X03 bit D2). This capability is set by writing
x7F to the individual error recovery register (x04) and an x84 to x1F (a feature enable register).
4.2
Data Sample Rate
If the master clock is well-behaved during the frequency transition (no MCLK_IN high or low clock periods less
than 20 ns), then a simple speed selection is performed by setting the DBSPD terminal or the serial control
register. If it is known at least 60 ms in advance that the sample rate changes, mute can be used to provide
a completely silent transition. The timing of this control sequence is shown in Figure 4−3 and Figure 4−4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com