Electronic Components Datasheet Search
  English  ▼

X  

TAS5518C Datasheet(PDF) 16 Page - Texas Instruments

Part # TAS5518C
Description  8-Channel Digital Audio PWM Processor
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5518C Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5518C Datasheet HTML 12Page - Texas Instruments TAS5518C Datasheet HTML 13Page - Texas Instruments TAS5518C Datasheet HTML 14Page - Texas Instruments TAS5518C Datasheet HTML 15Page - Texas Instruments TAS5518C Datasheet HTML 16Page - Texas Instruments TAS5518C Datasheet HTML 17Page - Texas Instruments TAS5518C Datasheet HTML 18Page - Texas Instruments TAS5518C Datasheet HTML 19Page - Texas Instruments TAS5518C Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 103 page
background image
TAS5518C
8-Channel Digital Audio PWM Processor
SLES238A – SEPTEMBER 2008 – REVISED JULY 2009
www.ti.com
TERMINAL
5-V
TYPE(1)
TERMINATION(2)
DESCRIPTION
TOLERANT
NAME
NO.
PWM_P_4
47
DO
PWM 4 output (differential +)
PWM_P_5
56
DO
PWM 5 output (lineout L) (differential +)
PWM_P_6
58
DO
PWM 6 output (lineout R) (differential +)
PWM_P_7
50
DO
PWM 7 output (differential +)
PWM_P_8
52
DO
PWM 8 output (differential +)
RESERVED
21, 22,
Connect to digital ground
23, 64
RESET
11
DI
5 V
Pullup
System reset input, active-low. A system reset is generated by applying a logic
low to this terminal. RESET is an asynchronous control signal that restores the
TAS5518C to its default conditions, sets the valid output low, and places the
PWM in the hard-mute state (M-state). Master volume is immediately set to full
attenuation. On the release of RESET, if PDN is high, the system performs a 4-
to 5-ms device initialization and sets the volume at mute.
SCL
25
DI
5 V
I2C serial-control clock input/output
SCLK
27
DI
5 V
Serial-audio data clock (shift clock) input
SDA
24
DIO
5 V
I2C serial-control data-interface input/output
SDIN1
31
DI
5 V
Pulldown
Serial-audio data input 1 is one of the serial-data input ports. SDIN1 supports
four discrete (stereo) data formats and is capable of inputting data at 64 fS.
SDIN2
30
DI
5 V
Pulldown
Serial-audio data input 2 is one of the serial-data input ports. SDIN2 supports
four discrete (stereo) data formats and is capable of inputting data at 64 fS.
SDIN3
29
DI
5 V
Pulldown
Serial-audio data input 3 is one of the serial-data input ports. SDIN3 supports
four discrete (stereo) data formats and is capable of inputting data at 64 fS.
SDIN4
28
DI
5 V
Pulldown
Serial-audio data input 4 is one of the serial-data input ports. SDIN4 supports
four discrete (stereo) data formats and is capable of inputting data at 64 fS.
VALID
39
DO
Output indicating validity of PWM outputs, active-high
VBGAP
10
P
Band-gap voltage reference. A pinout of the internally regulated 1.2-V reference.
Typically has a 1-nF low-ESR capacitor between VBGAP and AVSS_PLL. This
terminal must not be used to power external devices.
VR_DIG
33
P
Voltage reference for 1.8-V digital core supply. A pinout of the internally
regulated 1.8-V power used by digital core logic. A 4.7-
µF low-ESR capacitor(3)
should be connected between this terminal and DVSS. This terminal must not
be used to power external devices.
VR_DPLL
17
P
Voltage reference for 1.8-V digital PLL supply. A pinout of the internally
regulated 1.8-V power used by digital PLL logic. A 0.1-
µF low-ESR capacitor(3)
should be connected between this terminal and DVSS_CORE. This terminal
must not be used to power external devices.
VR_PWM
48
P
Voltage reference for 1.8-V digital PWM core supply. A pinout of the internally
regulated 1.8-V power used by digital PWM core logic. A 0.1-
µF low-ESR
capacitor(3) should be connected between this terminal and DVSS_PWM. This
terminal must not be used to power external devices.
VRA_PLL
1
P
Voltage reference for 1.8-V PLL analog supply. A pinout of the internally
regulated 1.8-V power used by PLL logic. A 0.1-
µF low-ESR capacitor(3) should
be connected between this terminal and AVSS_PLL. This terminal must not be
used to power external devices.
VRD_PLL
7
P
Voltage reference for 1.8-V PLL digital supply. A pinout of the internally
regulated 1.8-V power used by PLL logic. A 0.1-
µF low-ESR capacitor(3) should
be connected between this terminal and AVSS_PLL. This terminal must not be
used to power external devices.
XTL_IN
20
AI
XTL_OUT and XTL_IN are the only LVCMOS terminals on the device. They
provide a reference clock for the TAS5518C via use of an external
fundamental-mode crystal. XTL_IN is the 1.8-V input port for the oscillator
circuit. A 13.5-MHz crystal (HCM49) is recommended.
XTL_OUT
19
AO
XTL_OUT and XTL_IN are the only LVCMOS terminals on the device. They
provide a reference clock for the TAS5518C via use of an external
fundamental-mode crystal. XTL_OUT is the 1.8-V output drive to the crystal. A
13.5-MHz crystal (HCM49) is recommended.
(3)
If desired, low-ESR capacitance values can be implemented by paralleling two or more ceramic capacitors of equal value. Paralleling
capacitors of equal value provides an extended high-frequency supply decoupling. This approach avoids the potential of producing
parallel resonance circuits that have been observed when paralleling capacitors of different values.
Description
16
Submit Documentation Feedback
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com